Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9250-22 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9250-22
Description  Frequency Generator for P IV?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-22 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9250-22 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-22 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9250-22
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
The ICS9250-22 is a single chip clock solution.
Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9250-22 employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and temperature variations.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
2
3
,
4
2
,
9
1
,
3
1
,
7
,
1
3
5
,
6
4
,
0
4
,
7
3
,
3
3
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
2
,
3)
0
:
1
(
L
E
S
T
L
U
M
/
F
E
RN
I
d
n
a
p
u
-
r
e
w
o
p
n
o
d
e
s
n
e
s
e
r
a
s
t
u
p
n
i
1
L
E
S
T
L
U
M
d
n
a
0
L
E
S
T
L
U
M
V
3
n
o
t
u
p
t
u
o
r
o
f
d
e
s
u
g
n
i
e
b
n
i
p
e
h
t
o
t
r
o
i
r
p
d
e
h
c
t
a
l
y
l
l
a
n
r
e
t
n
i
n
e
h
t
.
s
k
c
o
l
c
z
H
M
8
1
3
.
4
1
,
9
2
,
7
2
,
2
2
,
6
1
,
0
1
,
4
6
5
,
9
4
,
3
4
,
8
3
,
6
3
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
51
Xt
u
p
n
I
l
a
t
s
y
r
C
2
Xt
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
62
Xt
u
p
t
u
O
l
a
t
s
y
r
C
1
Xt
u
p
t
u
o
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
,
5
1
,
7
1
,
8
1
,
0
2
,
1
2
8
,
9
,
1
1
,
2
1
,
4
1
)
0
:
9
(
K
L
C
I
C
PT
U
Os
t
u
p
t
u
o
k
c
o
l
c
I
C
P
3
23
3
1
/
0
0
1
L
E
SN
Iz
H
M
3
3
1
=
h
g
i
H
,
z
H
M
0
0
1
=
w
o
L
.
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
U
P
C
5
2
,
6
2
)
0
:
1
(
S
FN
Is
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
z
H
M
8
4T
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
8
2#
D
PN
I.
w
o
L
e
v
i
t
c
A
.
e
d
o
m
n
w
o
d
-
r
e
w
o
p
s
e
k
o
v
n
I
0
3
,
1
3
,
4
3
,
5
3)
0
:
3
(
6
6
V
3T
U
Os
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
6
6
9
3F
E
R
IT
U
O
.
s
r
i
a
p
K
L
C
U
P
C
e
h
t
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
e
h
t
s
e
h
s
i
l
b
a
t
s
e
n
i
p
s
i
h
T
o
t
r
e
d
r
o
n
i
d
n
u
o
r
g
o
t
d
e
i
t
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
a
s
e
k
a
t
n
i
p
s
i
h
T
.
t
n
e
r
r
u
c
e
t
a
i
r
p
o
r
p
p
a
e
h
t
h
s
i
l
b
a
t
s
e
2
4
,
5
4
,
8
4
,
1
5)
0
:
3
(
T
S
K
L
C
U
P
CT
U
O
d
e
h
c
t
i
w
s
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
1
4
,
4
4
,
7
4
,
0
5)
0
:
3
(
C
S
K
L
C
U
P
CT
U
O
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
d
e
h
c
t
i
w
s
e
r
a
.
s
a
i
b
e
g
a
t
l
o
v
2
5#
D
A
E
R
P
SN
I
t
s
o
h
l
a
i
t
n
e
r
e
f
f
i
D
e
h
t
n
o
y
t
i
l
a
n
o
i
t
c
n
u
f
m
u
r
t
c
e
p
S
d
a
e
r
p
S
s
e
k
o
v
n
I
I
C
P
z
H
M
3
3
d
n
a
,
s
k
c
o
l
c
z
H
M
6
6
,
s
k
c
o
l
c
b
_
f
e
R
M
/
f
e
R
M
,
s
k
c
o
l
c
w
o
L
e
v
i
t
c
A
.
s
k
c
o
l
c
4
5B
_
F
E
R
M
V
3T
U
O
r
e
v
i
r
d
k
c
o
l
c
y
r
o
m
e
m
o
t
e
c
n
e
r
e
f
e
r
V
3
)
f
e
r
m
V
3
h
t
i
w
e
s
a
h
p
f
o
t
u
o
(
5
5F
E
R
M
V
3T
U
Or
e
v
i
r
d
k
c
o
l
c
y
r
o
m
e
m
o
t
e
c
n
e
r
e
f
e
r
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com