Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SGM2021 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM2021
Description  Low Power Low Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2021 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM2021 Datasheet HTML 1Page - SG Micro Corp SGM2021 Datasheet HTML 2Page - SG Micro Corp SGM2021 Datasheet HTML 3Page - SG Micro Corp SGM2021 Datasheet HTML 4Page - SG Micro Corp SGM2021 Datasheet HTML 5Page - SG Micro Corp SGM2021 Datasheet HTML 6Page - SG Micro Corp SGM2021 Datasheet HTML 7Page - SG Micro Corp SGM2021 Datasheet HTML 8Page - SG Micro Corp SGM2021 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low Power, Low Dropout,
Linear Regulators
4
SGM2021
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V, whichever is greater, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
IOUT = 0.1mA, TA = +25
-2.5
2.5
%
Maximum Output Current
300
mA
Current Limit
ILIM
310
500
mA
Ground Pin Current
IQ
No load
120
220
µA
IOUT = 1mA
0.9
Dropout Voltage
(1)
IOUT = 300mA
270
400
mV
Line Regulation
ΔVLNR
VIN = 2.5V or (VOUT + 0.5V) to 5.5V, IOUT = 1mA
0.02
0.05
%/V
IOUT = 0.1mA to 300mA, COUT = 1µF, VOUT > 2V
0.002
0.005
Load Regulation
ΔVLDR
IOUT = 0.1mA to 300mA, COUT = 1µF, VOUT ≤ 2V
0.004
0.008
%/mA
Output Voltage Noise
en
f = 10Hz to 100kHz, COUT = 10µF
140
µVRMS
f = 217Hz
62
dB
Power Supply Rejection Rate
PSRR
ILOAD = 50mA,
COUT = 1μF, VIN = VOUT + 1V
f = 100Hz
69
dB
THERMAL PROTECTION
Thermal Shutdown
Temperature
TSHDN
150
Thermal Shutdown
Hysteresis
ΔTSHDN
15
NOTE:
1. The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V (only applicable for
VOUT = +2.5V to +5.0V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com