Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT29FCT52CDB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT29FCT52CDB
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT52CDB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT29FCT52CDB Datasheet HTML 1Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 2Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 3Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 4Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 5Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 6Page - Integrated Device Technology IDT29FCT52CDB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7.1
3
IDT29FCT52A/B/C, IDT29FCT53A/B/C
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
—
—
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI =VCC
——
5
µA
(Except I/O Pins)
VI = 2.7V
—
—
5
(4)
IIL
Input LOW Current
VI = 0.5V
—
—
–5
(4)
(Except I/O Pins)
VI = GND
—
—
–5
IIH
Input HIGH Current
VCC = Max.
VI = VCC
——
15
µA
(I/O Pins Only)
VI = 2.7V
—
—
15
(4)
IIL
Input LOW Current
VI = 0.5V
—
—
–15
(4)
(I/O Pins Only)
VI = GND
—
—
–15
VIK
Clamp Diode Voltage
Vcc = Min., IN = –18mA
—
–0.7
–1.2
V
IOS
Short Circuit Current
Vcc = Max.
(3), VO = GND
–60
–120
—
mA
VOH
Output HIGH Voltage
Vcc = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
Vcc = Min.
IOH = –300
µAVHC
VCC
—
VIN = VIH or VIL
IOH = –15mA MIL.
2.4
4.0
—
IOH = –24mA COM’L.
2.4
4.0
—
VOL
Output LOW Voltage
Vcc = 3V, VIN = VLC or VHC, IOL = 300
µA
—
GND
VLC
V
Vcc = Min.
IOL = 300
µA
—
GND
VLC
(4)
VIN = VIH or VIL
IOL = 48mA MIL.
(5)
—
0.3
0.55
IOL = 64mA COM’L.
(5)
—
0.3
0.55
NOTES:
2533 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. These are maximum IOL values per output, for 8 outputs turned on simultaneously. Total maximum IOL (all outputs) is 512mA for commercial and
384mA for military. Derate IOL for number of outputs exceeding 8 turned on simultaneously.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
VTERM
(3) Terminal Voltage
–0.5 to VCC
–0.5 to VCC
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output Current
120
120
mA
NOTES:
2533 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed +0.5V unless otherwise noted.
2. Inputs and VCC terminals only.
3. Outputs and I/O terminals only.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input
VIN = 0V
6
10
pF
Capacitance
CI/O
I/O
VOUT = 0V
8
12
pF
Capacitance
NOTE:
2533 tbl 05
1. This parameter is guaranteed by characterization data and not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com