Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS3100H Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SS3100H
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS3100H Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SS3100H Datasheet HTML 1Page - Bruckewell Technology LTD SS3100H Datasheet HTML 2Page - Bruckewell Technology LTD SS3100H Datasheet HTML 3Page - Bruckewell Technology LTD SS3100H Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS3100H
SCHOTTKY RECTIFIER
Publication Order Number: [SS3100H]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=3A, Tj=25°C
at IF=3A, Tj=125°C
VF
0.75
0.65
0.80
V
Maximum reverse current
Tj=25°C
IR
0.2
m
’A
at working peak reverse voltage
Tj=125°C
20
m
’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Value
Unit
Typical thermal resistance
Symbol
SS3100H
°C/W
RθJL
20
Rthja
50
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com