Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UFP560 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # UFP560
Description  High Current Density Surface Mount Ultrafast High Voltage Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

UFP560 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  UFP560 Datasheet HTML 1Page - Bruckewell Technology LTD UFP560 Datasheet HTML 2Page - Bruckewell Technology LTD UFP560 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UFP560
High Current Density Surface Mount
Ultrafast High Voltage Rectifier
Publication Order Number: [UFP560]
© Bruckewell Technology Corporation Rev. A -2014
Note:
(1) Mounted on 30 mm x 30 mm Al P.C.B. with 50 mm x 25 mm x 100 mm fin heat sink
(2) Free air, mounted on recommended copper pad area
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=5A, Tj=25°C
at IF=5A, Tj=125°C
VF
2.3
1.35
2.5
V
Maximum reverse current per leg
Tj=25°C
IR
20
u
’A
at working peak reverse voltage
Tj=125°C
500
u
’A
Typical forward recovery time
IF=1A, VR=30V, dIF/dt=100A/uS.
Trr
30
ns
IF=0.5A, IR=1A, Irr=0.25A.
25
ns
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
90
°C/W
Rthjl
5
Notes:
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com