Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD1555 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1555
Description  24-Bit ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1555 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1555_15 Datasheet HTML 4Page - Analog Devices AD1555_15 Datasheet HTML 5Page - Analog Devices AD1555_15 Datasheet HTML 6Page - Analog Devices AD1555_15 Datasheet HTML 7Page - Analog Devices AD1555_15 Datasheet HTML 8Page - Analog Devices AD1555_15 Datasheet HTML 9Page - Analog Devices AD1555_15 Datasheet HTML 10Page - Analog Devices AD1555_15 Datasheet HTML 11Page - Analog Devices AD1555_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. B
AD1555/AD1556
–8–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1555/AD1556 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
Pins 7, 8, 23, 24, 25, 28 . . . . . . –VA – 0.3 V to +VA + 0.3 V
AIN(+), AIN(–) DC Input Current . . . . . . . . . . .
±100 mA
AIN(+), AIN(–) 2
µs Pulse Input Current . . . . . . . . ±1.5 A
Supply Voltages
+VA to –VA . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +14 V
+VA to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
–VA to AGND . . . . . . . . . . . . . . . . . . . . . . . –7 V to +0.3 V
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Ground Voltage Differences
DGND, AGND1, AGND2, AGND3 . . . . . . . . . . .
±0.3 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . –0.3 V to VL + 0.3 V
Internal Power Dissipation
2
AD1555 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8 W
AD1556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8 W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
28-lead PLCC:
θ
JA = 36
°C/W, θ
JC = 20
°C/W
44-lead MQFP:
θ
JA = 36
°C/W, θ
JC = 14
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
*
Description
Option
AD1555AP
0
°C to 85°C
Plastic Lead Chip Carrier
P-28A
AD1555APRL
0
°C to 85°C
Plastic Lead Chip Carrier
P-28A
AD1555BP
–55
°C to +85 °C
Plastic Lead Chip Carrier
P-28A
AD1555BPRL
–55
°C to +85 °C
Plastic Lead Chip Carrier
P-28A
AD1556AS
–55
°C to +85 °C
Plastic Quad Flatpack
S-44A
AD1556ASRL
–55
°C to +85 °C
Plastic Quad Flatpack
S-44A
EVAL-AD1555/AD1556EB
Evaluation Board
AD1555/56-REF
Reference Design
*Contact factory for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com