Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILC7362 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7362
Description  SOT-23 CMOS NEGATIVE LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7362 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7362 Datasheet HTML 1Page - Impala Linear Corporation ILC7362 Datasheet HTML 2Page - Impala Linear Corporation ILC7362 Datasheet HTML 3Page - Impala Linear Corporation ILC7362 Datasheet HTML 4Page - Impala Linear Corporation ILC7362 Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SOT-23 CMOS Negative LDO
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Oct 1999
ILC7362 1.1
-30
-20
-10
0
10
20
30
40
50
60
70
80
Output Voltage vs Input Voltage
Output Voltage vs Input Voltage
Output Voltage vs Output Current
Output Voltage vs Temperature
Supply Current vs Temperature
Topr=25°C
IOUT=1mA
40mA
10mA
INPUT VOLTAGE VIN(V)
-2.5
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-2.5
-3.5
ILC7362CM-30
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
-6.0
-6.5
-7.0
-7.5
INPUT VOLTAGE VIN (V)
-3.2
-3.0
-2.8
-2.6
-2.4
-2.2
-2.5
ILC7362CM-30
40mA
10mA
IOUT-1mA
Topr = 25°C
ILC7362CM-30
-3.10
-3.06
-3.02
-2.98
-2.94
-2.90
-30
-20
-10
0
10
20
30
40
50
60
70
80
VIN = -5.0
IOUT = 10mA
40mA
OPERATING TEMPERATURE (°C)
-3.2
-3.1
-3.0
-2.9
-2.8
-2.7
0
10
20
30
40
50
60
OUTPUT CURRENT (mA)
ILC7362CM-30
VIN = -5.0
T = 25°
-30°C
80°C
ILC7362CM-30
2.62
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.42
2.40
OPERATING TEMPERATURE (°C)
VIN = -5.0V
VIN = -4.0V
Typical Performance Characteristics General conditions for all curves; 4.7µF on output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com