Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA240DCT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA240DCT
Description  PA and PB Series Panel Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA240DCT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA240DCT Datasheet HTML 1Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 2Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 3Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CATALOG
ELECTRICAL
UL1449 CLAMPING LEVEL
ACTUAL CLAMPING LEVEL
NUMBER
SERVICE
L-N
L-L
N-G
L-G
L-N
L-L
N-G
L-G
PB120T
120/240V, Single Ø
400V
700V
400V
800V
360V
690V
370V
712V
PB120Y
120/208V, 3Ø Wye
400V
700V
400V
800V
360V
690V
370V
712V
PB277Y
277/480V, 3Ø Wye
800V
1800V
900V
1800V
780V
1600V
830V
1550V
PB240DCT
120/240/120V, Hi-Leg Delta
800V*
700V
400V
800V
780V*
690V
370V
720V
PB Series – 160kA
Product Selection Guide
Options: (select options by adding hyphen and suffix to part number)
A – Remote Monitoring Capability
Adds NO/NC dry contacts to PA/PB unit via on-board relay. Dry contacts will allow for connection of remote monitoring unit.
Remote monitoring unit itself sold separately under part #ZHRMU. See page 3 for ZHRMU specifications.
B – Noise Filter
Provides noise attenuation of -20dB maximum 100kHz to 100 MHz.
How to Configure A Part Number:
1 Select CATALOG NUMBER.
2 Select OPTIONS if desired.
3 Part Number is CATALOG NUMBER, followed by HYPHEN, followed by OPTIONS in alphabetical order.
SAMPLE
160kA for 120/208V
with Noise Filter
SAMPLE
80kA for 277/480V
with Remote Contacts
with Noise Filter
SAMPLE
80kA for 120/240V
No Options Selected
Part#: PB120Y-B
Part#: PA277Y-AB
Part#: PA120T
CATALOG
ELECTRICAL
UL1449 CLAMPING LEVEL
ACTUAL CLAMPING LEVEL
NUMBER
SERVICE
L-N
L-L
N-G
L-G
L-N
L-L
N-G
L-G
PA120T
120/240V, Single Ø
400V
700V
400V
800V
360V
690V
370V
712V
PA120Y
120/208V, 3Ø Wye
400V
700V
400V
800V
360V
690V
370V
712V
PA277Y
277/480V, 3Ø Wye
800V
1800V
900V
1800V
780V
1600V
830V
1550V
PA240DCT
120/240/120V, Hi-Leg Delta
800V*
700V
400V
800V
780V*
690V
370V
720V
PA Series – 80kA
* Hi L-N
* Hi L-N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com