Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD1940 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1940
Description  SigmaDSP Multichannel 28-Bit Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1940 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1940_15 Datasheet HTML 17Page - Analog Devices AD1940_15 Datasheet HTML 18Page - Analog Devices AD1940_15 Datasheet HTML 19Page - Analog Devices AD1940_15 Datasheet HTML 20Page - Analog Devices AD1940_15 Datasheet HTML 21Page - Analog Devices AD1940_15 Datasheet HTML 22Page - Analog Devices AD1940_15 Datasheet HTML 23Page - Analog Devices AD1940_15 Datasheet HTML 24Page - Analog Devices AD1940_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD1940/AD1941
Rev. B | Page 21 of
36
The four ramping curve types are
•
Linear—Value slews to target using a fixed step size.
•
Constant dB—Value slews to target using the current value
to calculate the step size. The resulting curve has a
constant rise and decay when measured in dB.
•
RC type—Value slews to target using the difference
between target and current values to calculate the step size,
producing a simple RC type curve for rising and falling.
•
Constant Time—Value slews to the target in a fixed
number of steps in a linear fashion. The control port mute
has no affect on this type.
Table 21. Target/Slew RAM Ramp Type Settings
Setting
Ramp Type
00
Linear
01
Constant dB
10
RC type
11
Constant time
The following sections detail how the control port writes to
the target/slew RAM to control the time constant and ramp
type parameters.
Ramp Types 1 to 3: Linear, Constant dB, RC Type (34-Bit
Write)
The target word for the first three ramp types is broken up into
three parts. The 34-bit command is written with six leading 0s
to extend the data write to five bytes. The parts of the target
RAM write are the following:
•
Ramp Type (2 bits)
•
Time Constant (4 bits)
0000 = Fastest
1111 = Slowest
•
Data (28 Bits): 5.23 Format
Ramp Type 4—Constant Time (34-Bit Write)
The target word for the constant time ramp type is written in
five parts, with the 34-bit command again written with six
leading zeros to extend the data write to five bytes. The parts of
the constant time target RAM write are the following:
•
Ramp Type (2 bits).
•
Update Step (1 bit). Set to 1 when new target is loaded to
trigger step value update. Value is automatically reset after
the step value is updated.
•
Number of Steps (3 bits). The number of steps that it takes
to slew to the target value is set by these three bits, with the
number of steps equal to 23-bit setting + 6.
000 = 64
001 = 128
010 = 256
011 = 512
100 = 1024
101 = 2048
110 = 4096
111 = 8196
•
Data (16 bits). 2.14 format.
•
Reserved (12 bits). When writing to the RAM, these bits
should all be set to 0.
Target and Slew RAM Initialization
On reset, the target/slew RAM initializes to preset values. The
target RAM initializes to a linear ramp type with a time
constant of 5 and the data set to 1.0. The slew RAM initializes to
a value of 1.0. These defaults give a full-scale (1.0 to 0.0) ramp
time of 21.3 ms.
Linear Update Math
Linear math is the addition or subtraction of a constant value
(step). The equation to describe this step size is
()
20
10
13
5
2
2
−
×
=
tconst
step
The result of the equation is normalized to a 5.23 data format.
This gives a time constant range from 6.75 ms to 213.4 ms
(–60 dB relative to 0 dB full scale). An example of this kind of
update is shown in Figure 15 and Figure 16. All slew RAM
figure examples, except the half-scale constant time ramp plot,
show an increasing or decreasing ramp between –80 dB and
0 dB (full scale). All figures except the constant time plots
(Figure 19 and Figure 21) use a time constant of 0x7 (0x0 being
the fastest and 0xF being the slowest).
TIME (ms)
1
0.4
0.6
0.8
0.2
0
–0.4
–0.2
–1
–0.8
–0.6
010
20
30
Figure 15. Slew RAM—Linear Update Increasing Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com