Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSF101 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SSF101
Description  1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SSF101 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SSF101 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SSF101 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance from Junction to Ambient.
VOLTAGE RANGE
CURRENT
1.0 Ampere
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
Operating and Storage Temperature Range TJ, TSTG
at Ta=25 C
Dimensions in inches and (millimeters)
.106(2.7)
.098(2.5)
.144(3.65)
.136(3.45)
.007(0.17)
.005(0.13)
.067(1.7)
.059(1.5)
.033(0.85)
.022(0.55)
.051(1.3)
.043(1.1)
.037(0.95)
.033(0.85)
SS
Typical Thermal Resistance RqJA (Note 3)
SSF101 THRU SSF107
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
50 to 1000 Volts
SSF101 SSF102 SSF103 SSF104 SSF105 SSF106 SSF107 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
100
15
V
A
A
V
nS
pF
1.3
250
500
150
-65
+150
C
80
C/W
Marking Code
F11
F12
F13
F14
F15
F16
F17
A
A
472


Similar Part No. - SSF101

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1010 SILIKRON-SSF1010 Datasheet
422Kb / 8P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF1010 GOOD-ARK-SSF1010 Datasheet
1Mb / 7P
100V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF1010A SILIKRON-SSF1010A Datasheet
388Kb / 8P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF1010 GOOD-ARK-SSF1010_15 Datasheet
1Mb / 7P
100V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
Power switching application
More results

Similar Description - SSF101

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4933 BYTES-SM4933 Datasheet
159Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
RS1A TSC-RS1A_11 Datasheet
195Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com