Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F008SA-L Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F008SA-L
Description  8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA-L Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F008SA-L Datasheet HTML 17Page - Intel Corporation 28F008SA-L Datasheet HTML 18Page - Intel Corporation 28F008SA-L Datasheet HTML 19Page - Intel Corporation 28F008SA-L Datasheet HTML 20Page - Intel Corporation 28F008SA-L Datasheet HTML 21Page - Intel Corporation 28F008SA-L Datasheet HTML 22Page - Intel Corporation 28F008SA-L Datasheet HTML 23Page - Intel Corporation 28F008SA-L Datasheet HTML 24Page - Intel Corporation 28F008SA-L Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
28F008SA-L
DC CHARACTERISTICS (Continued) VCC e 50V g10%
Symbol
Parameter
Notes
Min
Typ
Max
Unit
Test Condition
VPPH
VPP during EraseWrite
114
120
126
V
Operations
VLKO
VCC EraseWrite Lock
20
V
Voltage
NOTES
1 All currents are in RMS unless otherwise noted Typical values at VCC e 50V VPP e 120V T e 25 C These currents
are valid for all product versions (packages and speeds)
2 ICCES is specified with the device deselected If the 28F008SA-L is read while in Erase Suspend Mode current draw is
the sum of ICCES and ICCR
3 Includes RYBY
4 Block ErasesByte Writes are inhibited when VPP e VPPL and not guaranteed in the range between VPPH and VPPL
AC INPUTOUTPUT REFERENCE WAVEFORM
290435 – 7
AC test inputs are driven at 30V for a Logic ‘‘1’’ and 00V for a Logic ‘‘0’’ Input timing
begins and output timing ends at 15V Input rise and fall times (10% to 90%) k 10 ns
AC TESTING LOAD CIRCUIT(2)
CL e 50 pF
CL Includes Jig
290435 – 8
Capacitance
RL e 33 kX
AC CHARACTERISTICSRead-Only Operations(1) VCC e 33V g03V 50V g10%
Versions
28F008SA-150
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tRC
Read Cycle Time
150
ns
tAVQV
tACC
Address to Output Delay
150
ns
tELQV
tCE
CE
to Output Delay
2
150
ns
tPHQV
tPWH
RP
High to Output Delay
600
ns
tGLQV
tOE
OE
to Output Delay
2
75
ns
tELQX
tLZ
CE
to Output Low Z
3
0
ns
tEHQZ
tHZ
CE
High to Output High Z
3
55
ns
tGLQX
tOLZ
OE
to Output Low Z
3
0
ns
tGHQZ
tDF
OE
High to Output High Z
3
30
ns
tOH
Output Hold from Addresses CE
or OE
30
ns
Change Whichever is First
NOTES
1 See AC InputOutput Reference Waveform for timing measurements
2 OE
may be delayed up to tCE–tOE after the falling edge of CE
without impact on tCE
3 Sampled not 100% tested
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com