Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TE28F004SC-100 Datasheet(PDF) 35 Page - Intel Corporation

Part # TE28F004SC-100
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F004SC-100 Datasheet(HTML) 35 Page - Intel Corporation

Back Button TE28F004SC-100 Datasheet HTML 31Page - Intel Corporation TE28F004SC-100 Datasheet HTML 32Page - Intel Corporation TE28F004SC-100 Datasheet HTML 33Page - Intel Corporation TE28F004SC-100 Datasheet HTML 34Page - Intel Corporation TE28F004SC-100 Datasheet HTML 35Page - Intel Corporation TE28F004SC-100 Datasheet HTML 36Page - Intel Corporation TE28F004SC-100 Datasheet HTML 37Page - Intel Corporation TE28F004SC-100 Datasheet HTML 38Page - Intel Corporation TE28F004SC-100 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
35
PRELIMINARY
6.5
AC Characteristics—Read-Only Operations(1)—Commercial Temperature
TA = 0°C to +70°C
5 V ± 5% VCC
-85/-95(5)


Versions(4)
5 V ± 10% VCC
-90/-100(6)
-120

Unit
3.3 V ± 0.3 V VCC

-120
-150
2.7 V
−3.6 V VCC

-150
-170
#
Sym
Parameter
Notes Min Max Min Max Min Max Min Max Min Max
R1 tAVAV Read Cycle
4, 8 Mbit
85
90
120
150
170
ns
Time
16 Mbit
95
100
120
150
170
ns
R2 tAVQV Address to
4, 8 Mbit
85
90
120
150
170
ns
Output Delay 16 Mbit
95
100
120
150
170
ns
R3 tELQV CE# to Output 4, 8 Mbit
2
85
90
120
150
170
ns
Delay
16 Mbit
2
95
100
120
150
170
ns
R4 tGLQV OE# to Output Delay
2
40
45
50
55
55
ns
R5 tPHQV RP# High to Output
Delay
400
400
400/
600(7)
600
600
ns
R6 tELQX CE# to Output in Low Z
3
00
0
00
ns
R7 tGLQX OE# to Output in Low Z
3
00
0
00
ns
R8 tEHQZ CE# High to Output in
High Z
3
55
55
55
55
55
ns
R9 tGHQZ OE# High to Output in
High Z
3
10
10
15
20
25
ns
R10 tOH
Output Hold from
Address, CE# or OE#
Change, Whichever
Occurs First
3
00
0
00
ns
NOTES:
1.
See AC Input/Output Reference Waveform for maximum allowable input slew rate.
2.
OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
3.
Sampled, not 100% tested.
4.
See
Ordering Information for device speeds (valid operational combinations).
5.
See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (High Speed
Configuration) for testing characteristics.
6.
See Transient Input/Output Reference Waveform and Transient Equivalent Testing Load Circuit (Standard Configuration)
for testing characteristics.
7.
Valid for 3.3 V VCC read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com