Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P28F010-65 Datasheet(PDF) 16 Page - Intel Corporation

Part # P28F010-65
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P28F010-65 Datasheet(HTML) 16 Page - Intel Corporation

Back Button P28F010-65 Datasheet HTML 12Page - Intel Corporation P28F010-65 Datasheet HTML 13Page - Intel Corporation P28F010-65 Datasheet HTML 14Page - Intel Corporation P28F010-65 Datasheet HTML 15Page - Intel Corporation P28F010-65 Datasheet HTML 16Page - Intel Corporation P28F010-65 Datasheet HTML 17Page - Intel Corporation P28F010-65 Datasheet HTML 18Page - Intel Corporation P28F010-65 Datasheet HTML 19Page - Intel Corporation P28F010-65 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
28F010
DC CHARACTERISTICSCMOS COMPATIBLECommercial Products (Continued)
Symbol
Parameter
Notes
Limits
Unit
Test Conditions
Min
Typical(4)
Max
ICC2
VCC Programming Current
1 2
10
10
mA
Programming in Progress
ICC3
VCC Erase Current
1 2
50
15
mA
Erasure in Progress
ICC4
VCC Program Verify Current
1 2
50
15
mA
VPP e VPPH Program
Verify in Progress
ICC5
VCC Erase Verify Current
1 2
50
15
mA
VPP e VPPH Erase
Verify in Progress
IPPS
VPP Leakage Current
1
g
10
m
AVPP s VCC
IPP1
VPP Read Current ID
1
90
200
m
AVPP l VCC
Current or Standby Current
g
10
VPP s VCC
IPP2
VPP Programming
1 2
80
30
mA
VPP e VPPH
Current
Programming in Progress
IPP3
VPP Erase Current
1 2
60
30
mA
VPP e VPPH
Erasure in Progress
IPP4
VPP Program Verify
1 2
20
50
mA
VPP e VPPH Program
Current
Verify in Progress
IPP5
VPP Erase Verify
1 2
20
50
mA
VPP e VPPH Erase
Current
Verify in Progress
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
VCC e VCC Min
IOL e 58 mA
VOH1
Output High Voltage
085 VCC
V
VCC e VCC Min IOH eb25 mA
VOH2
VCC b 04
VCC e VCC Min IOH eb100 mA
VID
A9 Intelligent Identifier
1150
1300
V
Voltage
IID
A9 Intelligent Identifier
1 2
90
200
m
AA9 e VID
Current
VPPL
VPP during Read-Only
000
65
V
NOTE
ErasePrograms are
Operations
Inhibited when VPP e VPPL
VPPH
VPP during ReadWrite
1140
1260
V
Operations
VLKO
VCC EraseWrite Lock
25
V
Voltage
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com