Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F160S3 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F160S3
Description  WORD-WIDE FlashFile MEMORY FAMILY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F160S3 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F160S3 Datasheet HTML 17Page - Intel Corporation 28F160S3 Datasheet HTML 18Page - Intel Corporation 28F160S3 Datasheet HTML 19Page - Intel Corporation 28F160S3 Datasheet HTML 20Page - Intel Corporation 28F160S3 Datasheet HTML 21Page - Intel Corporation 28F160S3 Datasheet HTML 22Page - Intel Corporation 28F160S3 Datasheet HTML 23Page - Intel Corporation 28F160S3 Datasheet HTML 24Page - Intel Corporation 28F160S3 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
E
28F160S3, 28F320S3
21
ADVANCE INFORMATION
4.2.4
CFI QUERY IDENTIFICATION STRING
The Identification String provides verification that
the
component
supports
the
Common
Flash
Interface specification. Additionally, it indicates
which version of the specification and which
vendor-specified
command
set(s)
is
(are)
supported.
Table 8. CFI Identification
Offset
Length
(Bytes)
Description
28F320S3/
28F160S3
10h
03h
Query-Unique ASCII string “QRY“
10:
0051h
11:
0052h
12:
0059h
13h
02h
Primary Vendor Command Set and Control Interface ID Code
16-bit ID Code for Vendor-Specified Algorithms
13:
0001h
14:
0000h
15h
02h
Address for Primary Algorithm Extended Query Table
Offset value =
P = 31h
15:
0031h
16:
0000h
17h
02h
Alternate Vendor Command Set and Control Interface ID Code
Second Vendor-Specified Algorithm Supported
Note: 0000h means none exists
17:
0000h
18:
0000h
19h
02h
Address for Secondary Algorithm Extended Query Table
Note: 0000h means none exists
19:
0000h
1A:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com