Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74FCT827ATDB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT827ATDB
Description  FAST CMOS 10-BIT BUFFERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827ATDB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT827ATDB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827ATDB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT54/74FCT827AT/BT/CT/DT, IDT54/74FCT2827AT/BT/CT
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.22
2
PIN CONFIGURATIONS
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
2573 drw 02
2573 drw 03
LCC
TOP VIEW
OE1
D0
D1
D2
D3
D4
D5
D6
D7
Y0
Y1
Y2
Y3
Y4
Y6
Y5
Y7
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7
SO24-8
&
E24-1
11
12
21
22
23
24
D8
D9
Y8
Y9
OE2
GND
INDEX
D2
Y2
Y3
Y4
NC
Y5
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
1213
L28-1
D3
D4
NC
D5
D6
D7
Y6
Y7
21
22
23
24
25
26
27
28
PIN DESCRIPTION
2573 tbl 01
Names
I/O
Description
OEI
I
When both are LOW the outputs are
enabled. When either one or both are
HIGH the outputs are High Z.
DI
I
10-bit data input.
YI
O
10-bit data output.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2573 lnk 03
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
2573 lnk 04
Inputs
Output
OE
OE1
OE
OE2
DI
YI
Function
L
L
L
L
L
H
L
H
Transparent
H
X
X
H
X
X
Z
Z
Three-State
NOTE:
2573 tbl 02
1. H = HIGH, L = LOW, X = Don’t Care, Z = High Impedance
FUNCTION TABLE
(1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com