Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F002BVT60 Datasheet(PDF) 13 Page - Intel Corporation

Part # E28F002BVT60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F002BVT60 Datasheet(HTML) 13 Page - Intel Corporation

Back Button E28F002BVT60 Datasheet HTML 9Page - Intel Corporation E28F002BVT60 Datasheet HTML 10Page - Intel Corporation E28F002BVT60 Datasheet HTML 11Page - Intel Corporation E28F002BVT60 Datasheet HTML 12Page - Intel Corporation E28F002BVT60 Datasheet HTML 13Page - Intel Corporation E28F002BVT60 Datasheet HTML 14Page - Intel Corporation E28F002BVT60 Datasheet HTML 15Page - Intel Corporation E28F002BVT60 Datasheet HTML 16Page - Intel Corporation E28F002BVT60 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
13
SEE NEW DESIGN RECOMMENDATIONS
2.0
PRODUCT DESCRIPTION
2.1
Memory Blocking Organization
This product family features an asymmetrically-
blocked architecture providing system memory
integration. Each erase block can be erased
independently of the others up to 100,000 times for
commercial temperature or up to 10,000 times for
extended temperature. The block sizes have been
chosen to optimize their functionality for common
applications of nonvolatile storage. The combination
of block sizes in the boot block architecture allow
the integration of several memories into a single
chip. For the address locations of the blocks, see
the memory maps in Figures 4 and 5.
2.1.1
ONE 16-KB BOOT BLOCK
The boot block is intended to replace a dedicated
boot PROM in a microprocessor or microcontroller-
based system. The 16-Kbyte (16,384 bytes) boot
block is located at either the top (denoted by -T
suffix) or the bottom (-B suffix) of the address map
to accommodate different microprocessor protocols
for boot code location. This boot block features
hardware controllable write-protection to protect the
crucial microprocessor boot code from accidental
modification. The protection of the boot block is
controlled using a combination of the VPP, RP#, and
WP# pins, as is detailed in Section 3.4.
2.1.2
TWO 8-KB PARAMETER BLOCKS
The boot block architecture includes parameter
blocks to facilitate storage of frequently updated
small parameters that would normally require an
EEPROM. By using software techniques, the byte-
rewrite functionality of EEPROMs can be emulated.
These techniques are detailed in Intel’s application
note
AP-604, Using Intel’s Boot Block Flash
Memory Parameter Blocks to Replace EEPROM.
Each boot block component contains two parameter
blocks of 8 Kbytes (8,192 bytes) each. The
parameter blocks are not write-protectable.
2.1.3
ONE 96-KB + ONE 128-KB MAIN
BLOCK
After the allocation of address space to the boot
and parameter blocks, the remainder is divided into
main blocks for data or code storage. Each 2-Mbit
device contains one 96-Kbyte (98,304 byte) block
and one 128-Kbyte (131,072 byte) block. See the
memory maps for each device for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com