Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F002BVB80 Datasheet(PDF) 21 Page - Intel Corporation

Part # E28F002BVB80
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F002BVB80 Datasheet(HTML) 21 Page - Intel Corporation

Back Button E28F002BVB80 Datasheet HTML 17Page - Intel Corporation E28F002BVB80 Datasheet HTML 18Page - Intel Corporation E28F002BVB80 Datasheet HTML 19Page - Intel Corporation E28F002BVB80 Datasheet HTML 20Page - Intel Corporation E28F002BVB80 Datasheet HTML 21Page - Intel Corporation E28F002BVB80 Datasheet HTML 22Page - Intel Corporation E28F002BVB80 Datasheet HTML 23Page - Intel Corporation E28F002BVB80 Datasheet HTML 24Page - Intel Corporation E28F002BVB80 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
21
SEE NEW DESIGN RECOMMENDATIONS
3.3.2.1
Clearing the Status Register
The WSM sets status bits 3 through 7 to “1,” and
clears bits 6 and 7 to “0,” but cannot clear status
bits 3 through 5 to “0.” Bits 3 through 5 can only be
cleared by the controlling CPU through the use of
the Clear Status Register (50H) command, because
these bits indicate various error conditions. By
allowing the system software to control the resetting
of these bits, several operations may be performed
(such as cumulatively programming several bytes
or erasing multiple blocks in sequence) before
reading the status register to determine if an error
occurred during that series. Clear the status register
before beginning another command or sequence.
Note, again, that a Read Array command must be
issued before data can be read from the memory or
intelligent identifier.
3.3.3
PROGRAM MODE
Programming
is
executed
using
a
two-write
sequence. The Program Set-Up command is written
to the CUI followed by a second write which
specifies the address and data to be programmed.
The WSM will execute a sequence of internally
timed events to:
1.
Program the desired bits of the addressed
memory word or byte.
2.
Verify that the desired bits are sufficiently
programmed.
Programming of the memory results in specific bits
within a byte or word being changed to a “0.”
If the user attempts to program “1”s, there will be no
change of the memory cell content and no error
occurs.
The status register indicates programming status:
while the program sequence is executing, bit 7 of
the status register is a “0.” The status register can
be polled by toggling either CE# or OE#. While
programming, the only valid command is Read
Status Register.
When programming is complete, the program status
bits
should be checked.
If
the
programming
operation was unsuccessful, bit 4 of the status
register is set to a “1” to indicate a Program Failure.
If bit 3 is set to a “1,” then VPP was not within
acceptable limits, and the WSM did not execute the
programming sequence.
The status register should be cleared before
attempting the next operation. Any CUI instruction
can
follow
after
programming
is
completed;
however, reads from the memory array or intelligent
identifier cannot be accomplished until the CUI is
given the appropriate command.
3.3.4
ERASE MODE
To erase a block, write the Erase Set-Up and Erase
Confirm commands to the CUI, along with the
addresses identifying the block to be erased. These
addresses are latched internally when the Erase
Confirm command is issued. Block erasure results
in all bits within the block being set to “1.” Only one
block can be erased at a time.
The WSM will execute a sequence of internally
timed events to:
1.
Program all bits within the block to “0.”
2.
Verify
that
all
bits
within
the
block
are
sufficiently programmed to “0.”
3.
Erase all bits within the block to “1.”
4.
Verify
that
all
bits
within
the
block
are
sufficiently erased.
While the erase sequence is executing, bit 7 of the
status register is a “0.”
When the status register indicates that erasure is
complete, check the erase status bit to verify that
the erase operation was successful. If the erase
operation was unsuccessful, bit 5 of the status
register will be set to a “1,” indicating an Erase
Failure. If VPP was not within acceptable limits after
the Erase Confirm command is issued, the WSM
will not execute an erase sequence; instead, bit 5 of
the status register is set to a “1” to indicate an
Erase Failure, and bit 3 is set to a “1” to identify that
VPP supply voltage was not within acceptable limits.
Clear the status register before attempting the next
operation. Any CUI instruction can follow after
erasure is completed; however, reads from the
memory
array,
status
register,
or
intelligent
identifier cannot be accomplished until the CUI is
given the Read Array command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com