Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E28F004BVB60 Datasheet(PDF) 39 Page - Intel Corporation

Part # E28F004BVB60
Description  4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004BVB60 Datasheet(HTML) 39 Page - Intel Corporation

Back Button E28F004BVB60 Datasheet HTML 35Page - Intel Corporation E28F004BVB60 Datasheet HTML 36Page - Intel Corporation E28F004BVB60 Datasheet HTML 37Page - Intel Corporation E28F004BVB60 Datasheet HTML 38Page - Intel Corporation E28F004BVB60 Datasheet HTML 39Page - Intel Corporation E28F004BVB60 Datasheet HTML 40Page - Intel Corporation E28F004BVB60 Datasheet HTML 41Page - Intel Corporation E28F004BVB60 Datasheet HTML 42Page - Intel Corporation E28F004BVB60 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
E
4-MBIT SmartVoltage BOOT BLOCK FAMILY
39
PRELIMINARY
NOTES:
1. Read timing characteristics during write and erase operations are the same as during read-only operations. Refer to AC
characteristics during read mode.
2. The on-chip WSM completely automates program/erase operations; program/erase algorithms are now controlled internally
which includes verify and margining operations.
3. Refer to command definition table for valid A
IN. (Table 7)
4. Refer to command definition table for valid D
IN. (Table 7)
5. Program/erase durations are measured to valid SRD data (successful operation, SR.7 = 1).
6. For boot block program/erase, RP# should be held at V
HH or WP# should be held at VIH until operation completes
successfully.
7. Time t
PHBR is required for successful locking of the boot block.
8. Sampled, but not 100% tested.
9. See Test Configurations (Figure 14), 3.3V Standard Test component values.
10. See Test Configurations (Figure 14), 5V High-Speed Test component values.
11. See Test Configurations (Figure 14), 5V Standard Test component values.
ADDRESSES (A)
CE# (E)
OE# (G)
WE# (W)
DATA (D/Q)
RP# (P)
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
HH
V
6.5V
IL
V
IL
V
IN
D
IN
A
IN
A
WHEH
t
WHWL
t
Valid
SRD
IN
D
WHQV1,2,3,4
t
PHHWH
t
IH
V
PHWL
t
High Z
WHDX
t
IH
V
IL
V
V
(V)
PP
12
3
4
6
5
PPH
V
PPLK
V
PPH
V1
2
WP#
IL
V
IH
V
AVAV
t
AVWH
t
WHAX
t
DVWH
t
WLWH
t
QVPH
t
QVVL
t
VPWH
t
IN
D
ELWL
t
0530_17
NOTES:
1. VCC Power-Up and Standby.
2. Write Program or Erase Setup Command.
3. Write Valid Address and Data (Program) or Erase Confirm Command.
4. Automated Program or Erase Delay.
5. Read Status Register Data.
6. Write Read Array Command.
Figure 17. AC Waveforms for Write Operations (WE#–Controlled Writes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com