Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP7 Datasheet(PDF) 1 Page - ABCircuits

Part # TMP7
Description  Thermometer with Seven Segment and Serial Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

TMP7 Datasheet(HTML) 1 Page - ABCircuits

  TMP7 Datasheet HTML 1Page - ABCircuits TMP7 Datasheet HTML 2Page - ABCircuits TMP7 Datasheet HTML 3Page - ABCircuits TMP7 Datasheet HTML 4Page - ABCircuits TMP7 Datasheet HTML 5Page - ABCircuits TMP7 Datasheet HTML 6Page - ABCircuits TMP7 Datasheet HTML 7Page - ABCircuits TMP7 Datasheet HTML 8Page - ABCircuits TMP7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number TMP7
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 10
TMP7 IC
Thermometer with Seven Segment and Serial Output
General Description
The TMP7 is thermometer IC with seven segment outputs for non multiplexed displays. An
inexpensive thermister is used as the temperature sensor. The IC supports 4 scales: degrees C,
degrees F, percentage, and raw A/D output. Serial output is also provided for RS-232, USB, or
Ethernet operation. The chip provides output polarity control. The TMP7 has internal pull
resistors on inputs to minimize additional parts. A .1 uF bypass capacitor is suggested across the
VDD and VSS pins. The part uses the standard 28 pin .3 inch width SOIC and DIP packages.
Features
Degrees C, Degrees F, percentage
and raw data outputs.
Can drive seven segment displays
and serial devices.
Minimum and maximum
temperatures.
Percentage scale.
12 bit A/D converter
Few external parts required.
Low power consumption 20 mA
typical.
Supply voltage 3.3 to 5.25 volts.
All timing internally generated.
On chip input resistors.
Output polarity select.
TTL and CMOS compatible.
Part is in full production.
SOIC and DIP 28 Pin Package.
ROHS Compliant
Low EMI
Applications
Temperature displays.
Remote temperature sensing.
Remote 12 bit A/D converter.
Environmental and process controls.
Percentage displays.


Similar Part No. - TMP7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI2-TMP708 Datasheet
493Kb / 20P
TMP708 Resistor-Programmable Temperature Switch in SOT Package
REVISED DECEMBER 2016
TMP708 TI2-TMP708 Datasheet
958Kb / 20P
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
DECEMBER 2016
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI2-TMP708-Q1 Datasheet
493Kb / 20P
TMP708 Resistor-Programmable Temperature Switch in SOT Package
REVISED DECEMBER 2016
More results

Similar Description - TMP7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
SEVEN SEGMENT NUMERIC DISPLAY
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-335X HP-HDSP-335X Datasheet
347Kb / 20P
Low Current Seven Segment
logo
ABCircuits
SER7 ABCIRCUITS-SER7 Datasheet
245Kb / 11P
Serial to Seven Segment Controller Expandable to 32 digits
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
LDS-SMA2002RI-TR LUMEX-LDS-SMA2002RI-TR Datasheet
64Kb / 1P
Single Digit Seven Segment
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
Seven Segment Displays
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
Seven segment LED display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com