Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OI0604DV-R33H Datasheet(PDF) 1 Page - Frontier Electronics.

Part # OI0604DV-R33H
Description  SMD RF SIGNAL CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

OI0604DV-R33H Datasheet(HTML) 1 Page - Frontier Electronics.

  OI0604DV-R33H Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OI0604DV Series- SMD RF SIGNAL CHOKE
Rev. A
A. Electrical Specifications:
P/N
Inductance (nH)
Mark
Q (Min.)
Test Freq.
OI0604DV-R15_H
150
R15
80
40MHz
OI0604DV-R18_H
180
R18
80
40MHz
OI0604DV-R27_H
270
R27
80
40MHz
OI0604DV-R33_H
330
R33
80
40MHz
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
OI0604DV
6.0
(0.236)
4.5
(0.177)
6.5
(0.256)
2.0
(0.079)
0.7
(0.028)
3.3
(0.130)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Foot Print
C. General Information:
1.
P/N: OI0604DV-xxx_H: “OI0604DV” = Series, “xxx” = Inductance, “_” = Tolerance, “H” =Internal control code.
2.
Tolerance “_” : K =
± 10%, J = ± 5%, H = ± 3%.
3.
Operating Temp. : -25ºC to +85ºC.
4.
Inductance measured using the HP4291B or HP4287A.
5.
Q measured using the HP4291B or HP4287A.
6.
Test Fixture: HP16193A.
7.
MSL: Level 1
D. Applications:
1.
LC filters, for CATV diplex filters.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - OI0604DV-R33H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
OI0707BI FRONTIER-OI0707BI Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
OI0707BI-R20H FRONTIER-OI0707BI-R20H Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
OI0707BI-R22H FRONTIER-OI0707BI-R22H Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
OI0707BI-R24H FRONTIER-OI0707BI-R24H Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
OI0707BI-R30H FRONTIER-OI0707BI-R30H Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
More results

Similar Description - OI0604DV-R33H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3361I FRONTIER-3361I Datasheet
132Kb / 1P
RF Signal Choke
logo
Wurth Elektronik GmbH &...
74476601 WURTH-74476601 Datasheet
126Kb / 1P
SMD-RF-Choke WE-GF
74476603 WURTH-74476603 Datasheet
127Kb / 1P
SMD-RF-Choke WE-GF
74476624 WURTH-74476624 Datasheet
127Kb / 1P
SMD-RF-Choke WE-GF
744764039 WURTH-744764039 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764118 WURTH-744764118 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764122 WURTH-744764122 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764147 WURTH-744764147 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
744764168 WURTH-744764168 Datasheet
124Kb / 1P
SMD-RF-Choke WE-GF
logo
Frontier Electronics.
OI0707BI FRONTIER-OI0707BI Datasheet
112Kb / 1P
SMD RF SIGNAL CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com