Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFD3/12L2S1R Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFD3/12L2S1R
Description  SUBMINIATURE SIGNAL RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3/12L2S1R Datasheet(HTML) 5 Page - Hongfa Technology

  HFD3/12L2S1R Datasheet HTML 1Page - Hongfa Technology HFD3/12L2S1R Datasheet HTML 2Page - Hongfa Technology HFD3/12L2S1R Datasheet HTML 3Page - Hongfa Technology HFD3/12L2S1R Datasheet HTML 4Page - Hongfa Technology HFD3/12L2S1R Datasheet HTML 5Page - Hongfa Technology HFD3/12L2S1R Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
<SWKV/ 81 R\^fdibA ;77k^n6m``g3 < m``gn6^\moji5
91 OQS ajm m``g k\^fdib dn ?77k^n5
WidoA hh
A0>4 >0298<6
Ejq`m o\k`
T``g
Gh]jnn`_
^\mmd`m o\k`
Qmd`io\odji h\mf
H``_ _dm`^odji
T``g Fdh`indjin
Fdm`^odji ja T`g\t Kin`modji
V\k` Fdh`indjin 0U otk`A Uo\i_\m_ UOV1
;@
\_c`ndq` o\k`
Ejq`m o\k`
\_c`ndq` o\k`
H``_ _dm`^odji
_pmdib ^pnojh`m pn\b`
\o g`\no < `hkot
m`g\t kjndodjin
Ejq`m o\k`
;A8
\
H``_
_dm`^odji
_pmdib
^pnojh`m
pn\b`
\
\o g`\no < `hkot
m`g\t kjndodjin
C
C
D
D
85<
;
9
8=
9hdi5
C4C
97
]
:
]
h\s5
87 759
D4D
75< 757<
:
]
h\s
0:5<1
@5@
9 75:
8: 759
:4T8
98 75<
9@5; 8
9;5; 85=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com