Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC80960HD80SL2LZ Datasheet(PDF) 35 Page - Intel Corporation

Part # FC80960HD80SL2LZ
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD80SL2LZ Datasheet(HTML) 35 Page - Intel Corporation

Back Button FC80960HD80SL2LZ Datasheet HTML 31Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 32Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 33Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 34Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 35Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 36Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 37Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 38Page - Intel Corporation FC80960HD80SL2LZ Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
29
4.0
Electrical Specifications
4.1
Absolute Maximum Ratings
4.2
Operating Conditions
Parameter
Maximum Rating
Storage Temperature
–65 ºC to +150 ºC
Case Temperature Under Bias
–65oC to +110oC
Supply Voltage with respect to VSS
–0.5 V to + 4.6 V
Voltage on VCC5 with respect to VSS
–0.5 V to + 6.5 V
Voltage on Other Pins with respect to VSS
–0.5 V to VCC5 + 0.5 V
Notice:
This document contains information on products in the sampling and initial
production phases of development. It is valid for the devices indicated in the
revision history. The specifications within this data sheet are subject to change
without notice. Verify with your local Intel sales office that you have the latest
data sheet before finalizing a design.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause
permanent damage. These are stress ratings only. Operation beyond the
“Operating Conditions” is not recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.
Table 19. Operating Conditions
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
3.15
3.45
V
VCC5
Input Protection Bias
3.15
5.5
V
fCLKIN 1xcore
Input Clock Frequency - 1x Core (80960HA)
16
40
MHz
fCLKIN 2xcore
Input Clock Frequency - 2x Core (80960HD)
16
40
MHz
fCLKIN 3xcore
Input Clock Frequency - 3x Core (80960HT)
16
25
MHz
TC
Case Temp Under Bias (PGA and PQ4 Packages)
0
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com