Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE7/12-2HSTG-L2R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE7/12-2HSTG-L2R
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE7/12-2HSTG-L2R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE7/12-2HSTG-L2R Datasheet HTML 1Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 2Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 3Page - Hongfa Technology HFE7/12-2HSTG-L2R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
?UYMX3 4A> =:M: LAHPG :;HO> :K> BGBMB:E O:EN>Lh
F
78
knk
zB>E><MKB<
3MK>G@MA
9MIYZWMX
|BE> .Hht{kmnokq
~/.}|w 2{,w9
*3/sjjkf *3/i43kpsns f *3/knjjkf /~3w3krjjkf *{y11y jrjjjj y{24*|*{z
ljkn 2>Oh khjk
|BE> .Hhtnjjlqmnl
yHBE IHP>K
3BG@E> <HBEL E:M<ABG@
zHN;E> <HBEL E:M<ABG@
3BG@E>
LB=> LM:;E>
m
o
p
s
kl
ln
lhk
mho
nhl
phm
rhn
kphr
jhm
jho
jhp
jhs
khl
lhn
m
o
p
s
kl
ln
lhk
mho
nhl
phm
rhn
kphr
no
klo
krj
njo
qlj
lrrj
mlhk
rshm
kls
lrs
okn
ljop
lkhn
osho
rohq
kslhs
mnlhs
kmqkhn
no
klo
krj
njo
qlj
lrrj
mj
rmhm
klj
lqj
nrj
kslj
oj
oj
oj
oj
oj
oj
;982
w@3G/lfw@.B
kwf kx
kjjj- c:M ojj6zyd
njjj6wy kFBG
kjjj6wy kFBG
kjFL F:Qh
CE5><?<4DEB8 <?D8B>87<4D8 A@G8B B8=4H
6@?D46D 74D4
6;4B46D8B<CD<6C
yHGM:<M K>LBLM:G<>
*GLNE:MBHG K>LBLM:G<>
/I>K:M> MBF> c:M GHFBh OHEMhd
x>MP>>G <HBE a <HGM:<ML
w@.B ewN IE:M>=tmjF F:Qhc:M kw p6zyd
w@.BtojF F:Qhc:M kw p6zyd
w@3G/l ewN IE:M>=tpjF F:Qhc:M kwp6zyd
w@3G/ltrjF F:Qhc:M kw p6zyd
6@<= 74D4
:M lm
6@<=
CQTORM XQLM XYIJRM
.HFBG:E
6HEM:@>
6zy
0B<DgNI
6HEM:@>
6zy
F:Qh
zKHIgHNM
6HEM:@>
6zy
FBGh
yHBE 2>LBLM:G<>
Q ck kj`d
CQTORM KUQR RIYKPQTO
.HFBG:E
6HEM:@>
6zy
3>M i2>L>M
6HEM:@>
6zy
F:Qh
yHBE 2>LBLM:G<>
Q ck kj`d
ljjF7 lrjF7 nljF7
mjjF7
ljjF7
0NEL>
zNK:MBHG
FL
FBGh
4>FI>K:MNK> KBL> c:M GHFBh OHEMhd
6B;K:MBHG K>LBLM:G<>
3AH<D K>LBLM:G<>
~NFB=BMR
wF;B>GM M>FI>K:MNK>
4>KFBG:MBHG
5GBM P>B@AM
yHGLMKN<MBHG
oj + F:Qh
kj~SMH oo~S khoFF zw
srFiLl
o` MH ro` 2~
gnj
MH qj
0yx
wIIKHQhp@
0E:LMB< L>:E>=f|ENQIKHH?>=
-:Qh HI>K:M> ?K>JN>G<R
cNG=>K K:M>= EH:=d
2>E>:L> c2>L>Md MBF>
c:M GHFBh OHEMhd
kjFL F:Qh
lj <R<E>L iFBG
lwf lxf kw ekx
rw loj6wyimj6zy
lqq6wy
rw
ljjj6w
kjwloj6wyimj6zy
lqq6wy
kjw
lojj6w
k Q kjq/03
a ~B@A LPBM<ABG@ <:I:<BMR
kwf kxt kjw loj6wyimj6zyu
lwf lxf kwekxt rw loj6wyimj6zy
a ~B@A L>GLBMBO>
a nD6 =B>E><MKB< LMK>G@MA c;>MP>>G <HBE a <HGM:<MLd
a 3BG@E> LB=> LM:;E> :G= E:M<ABG@ MRI>L :O:BE:;E>
a k|HKF wfk|HKF xfl|HKF wfl|HKF x :G= kwekx
<HGM:<M :KK:G@>F>GM
a {GOBKHGF>GM:E ?KB>G=ER IKH=N<M c2H~3 <HFIEB:GMd
a /NMEBG> zBF>GLBHGLt cljhj Q kohj Q kjhld FF
yHGM:<M :KK:G@>F>GM
yHGM:<M F:M>KB:E
x>MP>>G HI>G <HGM:<ML
3>GLBMBO>
wIIKHQh ljjF7
wIIKHQh lrjF7
wIIKHQh ljjF7
wIIKHQh lrjF7
wIIKHQh mjjF7
wIIKHQh nljF7
wIIKHQh nljF7
kwfkwekx
lw
4RI>
~B@A L>GLBMBO>
{E><MKB<:E >G=NK:G<>
k~fkz MRI>tk Q kjo/03 ckjw loj6wyf
2>LBLMBO> EH:=hf :M qj`f khoLHG khoLH??d
k~zfl~flz MRI>tm Q kjn/03 crw loj6wyf
2>LBLMBO> EH:=hf :M qj`f khoLHG khoLH??d
-:Qh LPBM<ABG@ 6HEM:@>
-:Qh LPBM<ABG@ <NKK>GM
-:Qh LPBM<ABG@ IHP>K
-><A:GB<:E >G=NK:G<>
yHGM:<M K:MBG@
c2>Lh EH:=d


Similar Part No. - HFE7/12-2HSTG-L2R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE7/12-1H-S-T-G-L2-R HONGFA-HFE7/12-1H-S-T-G-L2-R Datasheet
74Kb / 4P
High switching capacity
More results

Similar Description - HFE7/12-2HSTG-L2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE60 HONGFA-HFE60 Datasheet
68Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE62 HONGFA-HFE62 Datasheet
1Mb / 5P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com