Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5306 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5306_15 Datasheet HTML 16Page - Analog Devices AD5306_15 Datasheet HTML 17Page - Analog Devices AD5306_15 Datasheet HTML 18Page - Analog Devices AD5306_15 Datasheet HTML 19Page - Analog Devices AD5306_15 Datasheet HTML 20Page - Analog Devices AD5306_15 Datasheet HTML 21Page - Analog Devices AD5306_15 Datasheet HTML 22Page - Analog Devices AD5306_15 Datasheet HTML 23Page - Analog Devices AD5306_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 21 of 24
AD5306/AD5316/AD5326 AS A DIGITALLY
PROGRAMMABLE WINDOW DETECTOR
A digitally programmable upper/lower limit detector using two
of the DACs in the AD5306/AD5316/AD5326 is shown in
Figure 39. The upper and lower limits for the test are loaded to
DACs A and B, which, in turn, set the limits on the CMP04. If
the signal at the VIN input is not within the programmed
window, an LED indicates the fail condition. Similarly, DAC C
and DAC D can be used for window detection on a second
VIN signal.
VDD
5V
GND
VIN
PASS/FAIL
1/2
CMP04
1/6 74HC05
FAIL
PASS
1k
Ω
0.1
μF
SCL
SDA
SCL
DIN
1k
Ω
VREF
1 ADDITIONAL PINS OMITTED FOR CLARITY
10
μF
1/2
AD5306/
AD5316/
AD53261
VREFA
VREFB
VOUTB
VOUTA
Figure 39. Window Detection
COARSE AND FINE ADJUSTMENT USING THE
AD5306/AD5316/AD5326
Two of the DACs in the AD5306/AD5316/AD5326 can be
paired together to form a coarse and fine adjustment function,
as shown in Figure 40. DAC A is used to provide the coarse
adjustment while DAC B provides the fine adjustment. Varying
the ratio of R1 and R2 changes the relative effect of the coarse
and fine adjustments. With the resistor values and external
reference shown, the output amplifier has unity gain for the
DAC A output; therefore, the output range is 0 V to 2.5 V − 1
LSB. For DAC B, the amplifier has a gain of 7.6 × 10−3, giving
DAC B a range of 19 mV. Similarly, DAC C and DAC D can be
paired together for coarse and fine adjustment.
The circuit in Figure 40 is shown with a 2.5 V reference, but
reference voltages up to VDD may be used. The op amps
indicated allow a rail-to-rail output swing.
1
μF
VREFA
VDD
GND
VOUTB
0.1
μF
10
μF
VOUT
VIN
GND
EXT
REF
AD820/
OP295
5V
R3
51.2k
Ω
R4
390
Ω
AD780/REF192
WITH VDD = 5V
VOUTA
R1
390
Ω
R2
51.2k
Ω
VOUT
VDD = 5V
1/2
AD5306/
AD5316/
AD5326
VREFB
Figure 40. Coarse/Fine Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com