Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSTC40 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MSTC40
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSTC40 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MSTC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSTC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MSTC40
Document Number: MSTC40
www.smsemi.com
Sep.06,2013
4
Package Outline Information
CASE: T1
Dimensions in mm
Fig6. Gate trigger Characteristics
1/2·MSCT40
VGD125℃
IGD125℃
IGT
VGT
20V;20
Ω
150
W
(0.1
ms
)
100
W
(0.5
ms
)
50W
(8m
s)
∧
PG(tp)
0.001 IG
0.01
0.1
1
10
A 100
100
V
10
1
VG
0.1
1.1
-40℃
25℃
125℃
Tvj
×



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com