Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXT970ATC Datasheet(PDF) 24 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 24 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 20Page - Intel Corporation LXT970ATC Datasheet HTML 21Page - Intel Corporation LXT970ATC Datasheet HTML 22Page - Intel Corporation LXT970ATC Datasheet HTML 23Page - Intel Corporation LXT970ATC Datasheet HTML 24Page - Intel Corporation LXT970ATC Datasheet HTML 25Page - Intel Corporation LXT970ATC Datasheet HTML 26Page - Intel Corporation LXT970ATC Datasheet HTML 27Page - Intel Corporation LXT970ATC Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
24
Datasheet
2.2.3.3
Repeater Mode
The LXT970A MII normally operates in DTE Mode (19.13 = 0). An alternative operating mode is
available for repeater applications (19.13 = 1).
In Repeater Mode, the Carrier Sense (CRS) and Tri-state (TRSTE) signals request and grant bus
access. The TRSTE pin controls only the receive channel of the MII (RX_DV, RX_ER, RX_CLK,
and RXD).
As shown in Figure 7, a central Repeater State Machine (RSM) is required to perform arbitration
and determine which LXT970A drives the MII Data Interface. The RSM is responsible for
enforcing collisions, and ensuring packets are not transmitted to the port they were received from.
This is accomplished by supplying each LXT970A with individual TX_EN outputs. Although
repeater operation is half-duplex, the LXT970A operates the MII as a full-duplex interface in
Repeater Mode. CRS is generated only on receive and Collision (COL) is never generated.
Repeater Mode is normally used with Slave Clock Mode (XI = GND and TX_CLK is an input).
2.2.3.4
MII Management Interface
The LXT970A supports the IEEE 802.3 MII Management Interface also known as the
Management Data Input/Output (MDIO) Interface. This interface allows upper-layer devices to
monitor and control the state of the LXT970A. MDIO interface consists of a physical connection, a
specific protocol which runs across the connection, and an internal set of addressable registers. The
physical interface consists of a data line (MDIO) and clock line (MDC), a control line (MDDIS)
Figure 7. Repeater Block Diagram
Repeater
State Machine
(RSM)
CRS
TRSTE
TX_EN
CRS
TRSTE
TX_EN
CRS
TRSTE
TX_EN
CRS
TRSTE
TX_EN
Receive Channel (RXD)
Transmit Channel (TXD)
LXT970A
LXT970A
LXT970A
LXT970A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com