Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M80C86 Datasheet(PDF) 2 Page - Intel Corporation

Part # M80C86
Description  16-BIT CHMOS MICROPROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C86 Datasheet(HTML) 2 Page - Intel Corporation

  M80C86 Datasheet HTML 1Page - Intel Corporation M80C86 Datasheet HTML 2Page - Intel Corporation M80C86 Datasheet HTML 3Page - Intel Corporation M80C86 Datasheet HTML 4Page - Intel Corporation M80C86 Datasheet HTML 5Page - Intel Corporation M80C86 Datasheet HTML 6Page - Intel Corporation M80C86 Datasheet HTML 7Page - Intel Corporation M80C86 Datasheet HTML 8Page - Intel Corporation M80C86 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M80C86M80C86-2
Table 1 Pin Description
The following pin function descriptions are for M80C86 systems in either minimum or maximum mode The
‘‘Local Bus’’ in these descriptions is the direct multiplexed bus interface connection to the M80C86 (without
regard to additional bus buffers)
Symbol
Pin No
Type
Name and Function
AD15–AD0
2 – 16 39
IO
ADDRESS DATA BUS
These lines constitute the time multiplexed
memoryIO address (T1) and data (T2 T3 TW T4) bus A0 is
analogous to BHE for the lower byte of the data bus pins D7–D0 It
is LOW during T1 when a byte is to be transferred on the lower
portion of the bus in memory or IO operations Eight-bit oriented
devices tied to the lower half would normally use A0 to condition
chip select functions (See BHE ) These lines are active HIGH and
float to 3-state OFF(1) during interrupt acknowledge and local bus
‘‘hold acknowledge’’
A19 S6
35–38
O
ADDRESSSTATUS
During T1 these are the four most significant
A18 S5
address lines for memory operations During IO operations
A17 S4
these lines are LOW During memory and IO operations
A16 S3
status information is available on these lines during T2 T3 TW
and T4 The status of the interrupt enable FLAG bit (S5) is updated
at the beginning of each CLK cycle A17 S4 and A16 S3 are
encoded as shown
This information indicates which relocation register is presently
being used for data accessing
These lines float to 3-state OFF(1) during local bus ‘‘hold
acknowledge’’
A17 S4
A16 S3
Characteristics
0 (LOW)
0
Alternate Data
0
1
Stack
1 (HIGH)
0
Code or None
1
1
Data
S6 is 0
(LOW)
BHE S7
34
O
BUS HIGH ENABLESTATUS
During T1 the bus high enable signal
(BHE) should be used to enable data onto the most significant half
of the data bus pins D15–D8 Eight-bit oriented devices tied to the
upper half of the bus would normally use BHE to condition chip
select functions BHE is LOW during T1 for read write and interrupt
acknowledge cycles when a byte is to be transferred on the high
portion of the bus The S7 status information is available during T2
T3 and T4 The signal is active LOW and floats to 3-state OFF(1) in
‘‘hold’’ It is LOW during T1 for the first interrupt acknowledge cycle
BHE
A0
Characteristics
0
0
Whole word
0
1
Upper byte from
to odd address
1
0
Lower byte from
to even address
1
1
None
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com