Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMBJ5913 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HSMBJ5913
Description  Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSMBJ5913 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HSMBJ5913 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSMBJ5913 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMBJ5913 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HSMBJ5913 thru HSMBJ5936
Document Number: HSMBJ5913 thru HSMBJ5936
www.smsemi.com
Feb.29, 2012
3
Characteristic Curve
Fig.1 Power Derating Curve
Fig.2 Transient Surge Capability
Square-Wave Pulse Width (non-
Repetitive) in milliseconds
0.01
0.1
1.0
10
10
2
10
3
Time in Milliseconds (ms)
5.0
4.0
3.0
2.0
1.0
0
TL
TA
10
3
10
2
10
1.0
0
50
100
150
200
Lead or Ambient Temperature (℃)
0
50
100
150
200
Zener Voltage (V)
100
10
1
Fig.3 Capacitance vs. Zener Voltage
At zero volts
At 2volts (VR)
打印无效



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com