Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSCD200B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSCD200B
Description  Glass Passivated Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSCD200B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSCD200B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSCD200B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSCD200B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD200B
Document Number: MSCD200B
www.
Aug.20, 2010
1
smsemi.com
Module Type
TYPE
VRRM
VRSM
MSCD200B-08
MSCD200B-12
MSCD200B-16
MSCD200B-18
MSAD200B-08
MSAD200B-12
MSAD200B-16
MSAD200B-18
MSKD200B-08
MSKD200B-12
MSKD200B-16
MSKD200B-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=95℃
200
A
IF(RMS)
Single phase ,half wave 180°conduction Tc=102℃
240
A
IFSM
t=10mS Tvj =45℃
6800
A
i
2t
t=10mS Tvj =45℃
231200
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
℃
Tstg
-40 to +125
℃
Mt
To terminals(M6)
5±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module
240
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.18
℃/W
Rth(c-s)
Module
0.05
℃/W
Electrical Characteristics
Circuit
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV
200 Amp
Values
Symbol
Conditions
Min.
Typ.
Max.
Units
VFM
T=25℃ IF =300A
-
1.18
1.45
V
IRD
Tvj=150℃ VRD=VRRM
-
-
9
mA


Similar Part No. - MSCD200B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSCD200-08 MICROSEMI-MSCD200-08 Datasheet
142Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSCD200-08 ETC2-MSCD200-08 Datasheet
174Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSCD200-12 MICROSEMI-MSCD200-12 Datasheet
142Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSCD200-12 ETC2-MSCD200-12 Datasheet
174Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSCD200-16 MICROSEMI-MSCD200-16 Datasheet
142Kb / 3P
Glass Passivated Rectifier Diode Modules
More results

Similar Description - MSCD200B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Yangzhou yangjie electr...
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
logo
Shanghai Leiditech Elec...
MD100C18D1 LEIDITECH-MD100C18D1 Datasheet
303Kb / 3P
Glass Passivated Rectifier Diode Modules
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com