Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P82L42PD Datasheet(PDF) 17 Page - Intel Corporation

Part # P82L42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82L42PD Datasheet(HTML) 17 Page - Intel Corporation

Back Button P82L42PD Datasheet HTML 13Page - Intel Corporation P82L42PD Datasheet HTML 14Page - Intel Corporation P82L42PD Datasheet HTML 15Page - Intel Corporation P82L42PD Datasheet HTML 16Page - Intel Corporation P82L42PD Datasheet HTML 17Page - Intel Corporation P82L42PD Datasheet HTML 18Page - Intel Corporation P82L42PD Datasheet HTML 19Page - Intel Corporation P82L42PD Datasheet HTML 20Page - Intel Corporation P82L42PD Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
UPI-C42UPI-L42
AC CHARACTERISTICS
TA e 0 Cto a70 C VSS e 0V VCC e VDD ea5V g10% a33V g10% for the UPI-L42
NOTE
All AC Characteristics apply to both the UPI-C42 and UPI-L42
DBB READ
Symbol
Parameter
Min
Max
Units
tAR
CS A0 Setup to RD
v
0ns
tRA
CS A0 Hold After RD
u
0ns
tRR
RD Pulse Width
160
ns
tAD
CS A0 to Data Out Delay
130
ns
tRD
RD
v to Data Out Delay
0
130
ns
tDF
RD
u to Data Float Delay
85
ns
DBB WRITE
Symbol
Parameter
Min
Max
Units
tAW
CS A0 Setup to WR
v
0ns
tWA
CS A0 Hold After WR
u
0ns
tWW
WR Pulse Width
160
ns
tDW
Data Setup to WR
u
130
ns
tWD
Data Hold After WR
u
0ns
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com