Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST404-LF Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST404-LF
Description  N-Channel JFET Monolithic Dual
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST404-LF Datasheet(HTML) 2 Page - Calogic, LLC

  SST404-LF Datasheet HTML 1Page - Calogic, LLC SST404-LF Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SST404 / SST405 / SST406
LLC
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise noted)
Parameter/Test Condition
Symbol
Limit
Unit
Gate-Drain Voltage
VGD
-50
V
Gate-Source Voltage
VGS
-50
V
Forward Gate Current
IG
10
mA
Power Dissipation
(per side)
PD
300
mW
(total)
500
mW
Power Derating
(per side)
2.4
mW/
oC
(total)
4
mW/
oC
Operating Junction Temperature
TJ
-55 to 150
oC
Storage Temperature
Tstg
-55 to 200
oC
Lead Temperature (1/16" from case for 10 seconds)
TL
300
oC
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise noted)
SYMBOL
CHARACTERISTCS
TYP
1
SST404
SST405
SST406
UNIT
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
STATIC
V(BR)GSS
Gate-Source Breakdown Voltage
-58
-50
-50
-50
V
IG = -1
µA, VDS = 0V
V(BR)G1 - G2
Gate-Gate Breakdown Voltage
-58
±50
±50
±50
IG =
±1µA, VDS = 0V, VGS = 0V
VGS(OFF)
Gate-Source Cut off Voltage
-1.5
-0.5 -2.5 -0.5 -2.5 -0.5 -2.5
VDS = 15V, ID = 1nA
IDSS
Saturation Drain Current
2
3.5
0.5100.5100.510
mA
VDS = 15V, VGS = 0V
IGSS
Gate Reverse Current
-2
-25
-25
-25
pA
VGS = -30V, VDS = 0V
-1
nA
TA = 125
oC
IG
Gate Operating Current
-2
-15
-15
-15
pA
VDG = 15V, ID = 200
µA
-0.8
-10
-10
-10
nA
TA = 125
oC
rDS(ON)
Drain-Source On-Resistance
250
VGS = 0V, ID = 0.1mA
VGS
Gate-Source Voltage
-1
-2.3
-2.3
-2.3
V
VDG = 15V, ID = 200
µA
VGS(F)
Gate-Source Forward Voltage
0.7
IG = 1mA, VDS = 0V
DYNAMIC
gfs
Common-Source Forward Transconductance
1.5
121212
mS
VDG = 15V, ID = 200
µA
f = 1kHz
gos
Common-Source Output Conductance
1.3
2
2
2
µS
gfs
Common-Source Forward Transconductance
1.5
272727
VDS = 10V, VGS = 0V
f = 1kHz
gos
Common-Source Output Conductance
10
20
20
20
Ciss
Common-Source Input Capacitance
8
8
8
pF
VDG = 15V, ID = 200
µA
f = 1MHz
Crss
Common-Source Reverse Transfer Capacitance
1.5
3
3
3
en
Equivalent Input Noise Voltage
10
20
20
20
nV/ Hz
VDG = 15V, ID = 200
µA
f = 10Hz
MATCHING
| VGS1 - VGS2 | Differential Gate-Source Voltage
15
20
40
mV
VDG = 10V, ID = 200
µA
∆ | VGS1 - VGS2 |
∆T
Gate-Source Voltage Differential Change with
Temperature
25
40
80
µV/ oC
TA = -55 to 25
oC V
DG = 10V,
ID = 200
µA
25
40
80
TA = 25 to 125
oC
CMRR
Common Mode Rejection Ratio
102
95
90
dB
VDG = 10 to 20V, ID = 200
µA
NOTES: 1. For design aid only, not subject to production testing.
2. Pulse test; PW = 300
µs, duty cycle ≤ 3%.
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS068 REV A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com