Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSC_SERIES Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FSC_SERIES
Description  Suitable for high demanding applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSC_SERIES Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FSC_SERIES Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
FSC Series
Flash SATA CFast™ SLC ,MLC
● Compliant with CFast™ 2.0 Standard
Capacity SLC: 2 GB ~ 64 GB
MLC: 4 GB ~ 128 GB
● SATAIII interface
● Suitable for high demanding applications
● Well performed under harsh operating environment and
industrial temperatures
● Anti-vibration & shock resistance
● Support static wear leveling algorithm
● S.M.A.R.T. & i-S.M.A.R.T. Supported
● Intelligent system for error recovery
● Excellent data transfer speed
● Extremely low power consumption
● High operating reliability & durability
● Hardware write protect
● Enhanced power cycling management
Ordering Information
System
Introduction
Features
Axiomtek’s FSC (Flash SATA CFast) series operates at SATAIII 6.0Gb/s. Compliant with
CFast™ 2.0 standard, it is designed with 7+17 pin connector and is SATA compatible.
Due to the idle power saving, it reduces 30% power consumption. The FSC is featured as
small form factor, and suitable for most industrial application.
The FSC can work under harsh environment, and complies with ATA protocol. Without
additional drives, the disk can be configured as a boot device or data storage device. The
FSC support hardware write protect to prevent modification of valuable data on a device.
General Specification
Capacity
SLC: 2 GB ~ 64 GB
MLC: 4 GB ~ 128 GB
Interface
SATA III 6.0Gb/s
Connector
CFast™ 2.0 standard / 7+17pin SATA
Date Transfer Rate
SLC: Read: 470 MB/sec (max.)
Write: 250 MB/sec (max.)
MLC Read: 310 MB/sec (max.)
Write: 150 MB/sec (max.)
Environmental Specification
Operating Temperature
Standard Grade : 0˚C ~ +70˚C (32°F ~ 158°F)
Industrial Grade : -40˚C ~ +85˚C (-40 °F ~ 185°F)
Storage Temperature
-55˚C ~ +95˚C (-67°F ~ 203°F)
Humidity
10%~95% non-condensing
Vibration
7 Hz to 2K Hz, 20G, 3 axes
Shock
Duration: 0.5ms, 1500G, 3 axes
System Reliability
ECC technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
Flash Endurance
SLC: 100,000 P/E Cycles
MLC: 3,000 P/E Cycles
Wear-leveling
Support
Power Requirment
DC Input Voltage
+3.3V DC +- 5%
Power Consumption
Read: 240mA (max.)
Write: 320mA (max.)
Idle: 110 (max.)
Physical Specification
Enclosure Material
PC card plastic frame with metal cover
Dimensions
(W xL x H)
42.8 x 36.4 x 3.6 mm
Models
(Standard temp. SLC)
Models
(Industrial temp. SLC)
Form Factor
Capacity
FSC002GSC1T
FSC002GSW1T
7+17pin SATA
2 GB
FSC004GSC1T
FSC004GSW1T
7+17pin SATA
4 GB
FSC008GSC1T
FSC008GSW1T
7+17pin SATA
8 GB
FSC016GSC1T
FSC016GSW1T
7+17pin SATA
16 GB
FSC032GSC1T
FSC032GSW1T
7+17pin SATA
32 GB
FSC064GSC1T
FSC064GSW1T
7+17pin SATA
64 GB
SLC
MLC
Models
(Standard temp. MLC)
Models
(Industrial temp. MLC)
Form Factor
Capacity
FSC004GMC1T
FSC004GMW1T
7+17pin SATA
4 GB
FSC008GMC1T
FSC008GMW1T
7+17pin SATA
8 GB
FSC016GMC1T
FSC016GMW1T
7+17pin SATA
16 GB
FSC032GMC1T
FSC032GMW1T
7+17pin SATA
32 GB
FSC064GMC1T
FSC064GMW1T
7+17pin SATA
64 GB
FSC128GMC1T
FSC128GMW1T
7+17pin SATA
128 GB


Similar Part No. - FSC_SERIES

ManufacturerPart #DatasheetDescription
logo
CUI INC
FSC-S15 CUI-FSC-S15 Datasheet
371Kb / 3P
ac-dc converter
FSC-S15-12U CUI-FSC-S15-12U Datasheet
371Kb / 3P
ac-dc converter
FSC-S15-15U CUI-FSC-S15-15U Datasheet
371Kb / 3P
ac-dc converter
FSC-S15-24U CUI-FSC-S15-24U Datasheet
371Kb / 3P
ac-dc converter
FSC-S15-3R3U CUI-FSC-S15-3R3U Datasheet
371Kb / 3P
ac-dc converter
More results

Similar Description - FSC_SERIES

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
M100EVO RFSOLUTIONS-M100EVO Datasheet
2Mb / 2P
perfect solution for demanding M2M applications.
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
Suitable for high demanding applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
The Clear Solution for Demanding Touch Applications
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
Suitable for high vibration applications
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
PHOENIX CONTACT
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
logo
Advanced Micro Devices
S400 AMD-S400 Datasheet
1Mb / 2P
Precise Synchronization for Demanding Applications
logo
E+E Elektronik Ges.m.b....
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
CO2 Sensor for Demanding Applications
05-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com