Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM324 Datasheet(PDF) 5 Page - Intersil Corporation

Part # LM324
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM324 Datasheet(HTML) 5 Page - Intersil Corporation

  LM324 Datasheet HTML 1Page - Intersil Corporation LM324 Datasheet HTML 2Page - Intersil Corporation LM324 Datasheet HTML 3Page - Intersil Corporation LM324 Datasheet HTML 4Page - Intersil Corporation LM324 Datasheet HTML 5Page - Intersil Corporation LM324 Datasheet HTML 6Page - Intersil Corporation LM324 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 6. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 7. OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIGURE 8. INPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 9. VOLTAGE GAIN vs SUPPLY VOLTAGE
Typical Performance Curves
(Continued)
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
TA =25
oC
1k
100k
+15V
2k
+7V
+
-
VI
2
3
4
VO
1
11
TEMPERATURE (oC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
V+ = 15V
TA =25
oC
75
50
25
0
10
203040
POSITIVE SUPPLY VOLTAGE (V)
POSITIVE SUPPLY VOLTAGE (V)
0
1020
3040
0
25
50
75
100
125
150
TA =25
oC
RL =20kΩ
RL =2kΩ
CA124, CA224, CA324, LM324, LM2902



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com