Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK670M-2-GR-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK670M-2-GR-R
Description  USB 1.1 Mini Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK670M-2-GR-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK670M-2-GR-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2,000MM±50MM
7.5MM±0.3MM
12.0MM±0.3MM
P2
P1
PIN ASSIGNMENT
P1
1
2
3
5
SHELL
P2
1
2
3
4
SHELL
RED
WHITE
GREEN
BLACK
DRAIN + BRAID
SEAL
1PCS / PE BAG
210MM
180Max
Material:
• Cable: Black USB2.0 UL2725 28#/1P+28#/2C+AEB
- OD: 3.8MM
• P1 Connector: USB Mini 4P Male
- Pin: G/F
- 3PCS Type
- Insulator Color: Black
- Shell: Nickel
-Outer Jacket: Black PVC-40P
• P2 Connector: USB A Male
- Pin: G/F
- 4PCS Type
- Insulator Color: White
- Shell: Nickel
-Outer Jacket: Grey
Electrical:
• 100% Open, short & mis wire test
• Contact Resistance: 5 Max.
• Insulation Resistance: 10M Min.
• Dielectric Test: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
08.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK670M-2-GR-R
USB 1.1 Mini Cable,
Mini 4P Male <=> A Male,
30—” Gold, Grey, 2 Meters
Complaint
RoHS
rev00


Similar Part No. - AK670M-2-GR-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-3-R ASSMANN-AK670M-2-3-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-R ASSMANN-AK670M-2-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results

Similar Description - AK670M-2-GR-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK669-18 ASSMANN-AK669-18 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-50-BLACK-R ASSMANN-AK669-50-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1
AK670M-1-GR-R ASSMANN-AK670M-1-GR-R Datasheet
67Kb / 1P
USB 1.1 Mini Cable,
AK670M-3-GR-R ASSMANN-AK670M-3-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable,
AK670M-5-GR-R ASSMANN-AK670M-5-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK672-2 ASSMANN-AK672-2 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-3 ASSMANN-AK672-3 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-3-BLACK ASSMANN-AK672-3-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK672-5-BLACK ASSMANN-AK672-5-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK672M-1-GR-R ASSMANN-AK672M-1-GR-R Datasheet
77Kb / 1P
USB 1.1 Mini Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com