Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB935 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB935
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB935 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB935_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB935_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB935_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB935
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IC
Cob — VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
6
1
0
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) TC=Ta
(2) With a 50 × 50 × 2mm
Al heat sink
(3) Without heat sink
(PC=1.3W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
2
1
–
0
–10
–8
–2
–6
–4
0
–12
–10
–8
–6
–4
–2
TC=25˚C
–100mA
–80mA
–60mA
–40mA
–20mA
–30mA
–10mA
IB=–160mA
Collector to emitter voltage VCE (V)
– 0.1
–1
–10
– 0.3
–3
– 0.01
–10
–1
– 0.1
– 0.03
– 0.3
–3
IC/IB=30
TC=100˚C
–25˚C
25˚C
Collector current IC (A)
– 0.1
–1
–10
– 0.3
–3
– 0.01
–10
–1
– 0.1
– 0.03
– 0.3
–3
IC/IB=30
TC=–25˚C
25˚C
100˚C
Collector current IC (A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
VCE=–2V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
VCE=–10V
f=10MHz
TC=25˚C
Collector current IC (A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
f=1MHz
TC=25˚C
Collector to base voltage VCB (V)
8
–
0
–2
–6
–4
–7
–1
–5
–3
0.01
10
1
0.1
0.03
0.3
3
tstg
ton
tf
Pulsed tw=1ms
Duty cycle=1%
IC/IB=30
(–IB1=IB2)
VCC=–20V
TC=25˚C
Collector current IC (A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
TC=25˚C
10ms
t=1ms
ICP
IC
300ms
Collector to emitter voltage VCE (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com