Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC4D10SYIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC4D10SYIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SYIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC4D10SYIP0F Datasheet HTML 2Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 9Page - Sharp Corporation PC4D10SYIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
Fig.5 Forward Current vs. Forward Voltage
Fig.6 High Level Output Current vs.
Ambient Temperature
0.1
10
1
100
1.2
1
1.4
1.6
1.8
2
Forward voltage VF (V)
Ta=50˚C
Ta=25˚C
Ta=100˚C
Ta=−40˚C
Ta=0˚C
Ambient temperature Ta (C)
1
−60
−40
−20
0
40
20
80
60
100
10
100
1 000
10 000
100 000
VCC=VO=5V
IF=0
Ambient temperature Ta (C)
0
−60
−40
−20
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
VCC=5.5V
IF=5mA
12.8mA
9.6mA
6.4mA
IOL=16mA
Forward current IF (mA)
0
012345
1
2
3
4
5
6
Ta=25˚C
VCC=5V
RL=350Ω
RL=1kΩ
RL=4kΩ
Fig.7 Low Level Output Voltage vs.
Ambient Temperature
Fig.8 Output Voltage vs. Forward Current
Ambient temperature Ta (C)
0
−60
−40
−20
0
20
40
60
80
100
1
2
3
4
5
VCC=5V
VO=0.6V
RL=350Ω
RL=1kΩ
RL=4kΩ
Fig.9 Input Threshold Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Forward Current
Forward current IF (mA)
0
579
11
13
15
20
40
60
100
80
tPLH
tPHL
VCC=5V
CL=15pF
RL=350Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com