Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK670M2-5-GR-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK670M2-5-GR-R
Description  USB 1.1 & 2.0, USB A Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK670M2-5-GR-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK670M2-5-GR-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AK670M-X-R (Version 1.1)
AK670M/2-X-R (Version 2.0)
USB 1.1 & 2.0, USB A Male to
USB B Mini (4 pin)
rev00
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
08.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
Complaint
RoHS


Similar Part No. - AK670M2-5-GR-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results

Similar Description - AK670M2-5-GR-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK670M-1-R ASSMANN-AK670M-1-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-2-R ASSMANN-AK670M-2-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M-3-R ASSMANN-AK670M-3-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-5-R ASSMANN-AK670M-5-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK672-2 ASSMANN-AK672-2 Datasheet
65Kb / 1P
USB 1.1 Cable - A Male
AK672-5-BLACK ASSMANN-AK672-5-BLACK Datasheet
77Kb / 1P
USB 1.1 Cable - A Male
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com