Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD40108BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD40108BMS
Description  CMOS 4 x 4 Multiport Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40108BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD40108BMS Datasheet HTML 3Page - Intersil Corporation CD40108BMS Datasheet HTML 4Page - Intersil Corporation CD40108BMS Datasheet HTML 5Page - Intersil Corporation CD40108BMS Datasheet HTML 6Page - Intersil Corporation CD40108BMS Datasheet HTML 7Page - Intersil Corporation CD40108BMS Datasheet HTML 8Page - Intersil Corporation CD40108BMS Datasheet HTML 9Page - Intersil Corporation CD40108BMS Datasheet HTML 10Page - Intersil Corporation CD40108BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7-31
CD40108BMS
Block Diagram
FIGURE 1.
TRUTH TABLE
CLOCK
WRITE
ENABLE
WRITE
1
WRITE
0
READ
1A
READ
0A
READ
1B
READ
0B
ENABLE
A
ENABLE
B
DN
QnA
QnB
1
S1
S2
S1S2S1S2
1
1
1
1
1
1
S1
S2
S1S2S1S2
1
1
0
0
0
X
X
X
X
XXXX
0
0
X
Z
Z
1
0
0
0110
1
1
Dn to word
0
Word 1
out
Word 2
out
0
0
0
0110
1
1
Word 0
not altered
Word 1
out
Word 2
out
X
X
X
X
1001
1
1
X
Word 2
out
Word 1
out
X
X
X
XXXX
1
1
X
NC
NC
1 = High Level
0 = Low Level
X = Don’t Care
Z = High Impedance
S! and S2 refer to input states of either 1 or 0
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MIMIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
Q0 A
Q1 A
Q2 A
Q3 A
W0
W1
R0A R1A
R0B R1B
DEC
DEC
DEC
WORD A
OUTPUT
ENABLE A
Q0 B
Q1 B
Q2 B
Q3 B
WORD B
OUTPUT
ENABLE B
D0
D1
D2
D3
DATA
INPUT
CL
WE
4 X 4
MEMORY
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com