Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4016BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4016BMS
Description  CMOS Quad Bilateral Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4016BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4016BMS Datasheet HTML 1Page - Intersil Corporation CD4016BMS Datasheet HTML 2Page - Intersil Corporation CD4016BMS Datasheet HTML 3Page - Intersil Corporation CD4016BMS Datasheet HTML 4Page - Intersil Corporation CD4016BMS Datasheet HTML 5Page - Intersil Corporation CD4016BMS Datasheet HTML 6Page - Intersil Corporation CD4016BMS Datasheet HTML 7Page - Intersil Corporation CD4016BMS Datasheet HTML 8Page - Intersil Corporation CD4016BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7-733
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4016BMS
CMOS Quad Bilateral Switch
Applications
• Analog Signal Switching/Multiplexing
• Signal Gating
• Squelch Control
• Chopper
• Modulator
• Demodulator
• Commutating Switch
• Digital Signal Switching/Multiplexing
• CMOS Logic Implementation
• Analog to Digital & Digital to Analog Conversion
• Digital Control of Frequency, Impedance, Phase, and
Analog Signal Gain
Description
CD4016BMS Series types are quad bilateral switches intended
for the transmission or multiplexing of analog or digital signals.
Each of the four independent bilateral switches has a single con-
trol signal input which simultaneously biases both the p and n
device in a given switch on or off.
The CD4016BMS is supplied in these 14 lead outline packages:
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
Features
• Transmission or Multiplexing of Analog or Digital Signals
• High Voltage Type (20V Rating)
• 20V Digital or
±10V Peak-to-Peak Switching
• 280
Ω Typical On-State Resistance for 15V Operation
• Switch On-State Resistance Matched to Within 10
Typ. Over 15V Signal Input Range
• High On/Off Output Voltage Ratio: 65dB Typ. at FIS =
10kHz, RL = 10k
• High Degree of Linearity: <0.5% Distortion Typ. at FIS
= 1kHz, VIS = 5Vp-p, VDD-VSS
≥ 10V, RL = 10kΩ
• Extremely Low Off State Switch Leakage Resulting in
Very Low Offset Current and High Effective Off State
Resistance: 100pA Typ. at VDD-VSS = 18V, TA = 25
oC
• Extremely High Control Input Impedance (Control cir-
cuit Isolated from Signal Circuit: 1012
Ω Typ.
• Low Crosstalk Between Switches: -50dB Typ. at FIS =
0.9MHz, RL = 1k
• Matched
Control
Input
to
Signal
Output
Capacitance: Reduces Output Signal Transients
• Frequency Response, Switch On = 40MHz (Typ.)
• 100% Tested for Quiescent Current at 20V
• Maximum Control Input Current of 1
µA at 18V Over Full
Package Temperature Range; 100nA at 18V at +25oC
• 5V, 10V and 15V Parametric Ratings
November 1994
File Number
3296
Pinout
CD4016BMS
TOP VIEW
SIG A IN
SIG A OUT
SIG B IN
SIG B OUT
CONTROL B
CONTROL C
VSS
VDD
CONTROL A
CONTROL D
SIG D IN
SIG D OUT
SIG C OUT
SIG C IN
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Functional Diagram
IN/OUT
OUT/IN
OUT/IN
IN/OUT
CONTROL B
CONTROL C
VSS
VDD
CONTROL A
CONTROL D
IN/OUT
OUT/IN
OUT/IN
IN/OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SW
A
SIG A
SW
D
SW
B
SW
C
SIG B
SIG C
SIG D


Similar Part No. - CD4016BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
262Kb / 6P
CMOS QUAD BILATERAL SWITCH
logo
National Semiconductor ...
CD4016BM NSC-CD4016BM Datasheet
168Kb / 8P
Quad Bilateral Switch
logo
Texas Instruments
CD4016BM TI-CD4016BM Datasheet
983Kb / 18P
CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
994Kb / 19P
CMOS Quad Bilateral Switch
CD4016BM TI1-CD4016BM Datasheet
1Mb / 18P
CMOS Quad Bilateral Switch
More results

Similar Description - CD4016BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
CMOS Quad Bilateral Switch
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
CMOS Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com