Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SB1027-H Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1027-H
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1027-H Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1027-H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1027-H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1027-H Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1027
■
Typical Characterisitics
0
50
100
150
Ambient Temperature Ta ( C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
–1.0
–0.8
–0.6
–0.2
–0.4
Collector to Emitter Voltage VCE (V)
0
–10
–20
–30
–40
–50
IB = 0
–0.5 mA
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
Typical Transfer Characteristics
–1
–10
–100
–500
Base to Emitter Voltage VBE (V)
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCE = –5 V
Pulse
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–10
–30
–100
–300
–1,000
10
30
100
300
1,000
VCE = –5 V
Pulse
Collector to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–1
–10
–100
–1,000
–0.01
–0.1
–1.0
–10
IC = 10 IB
Pulse
Gain Bandwidth Product vs.
Collector Current
10
30
100
300
1,000
Collector Current IC (mA)
–10
–30
–100
–300
–1,000
VCE = –5 V
Pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com