Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4066BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4066BMS
Description  CMOS 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD4066BMS Datasheet HTML 1Page - Intersil Corporation CD4066BMS Datasheet HTML 2Page - Intersil Corporation CD4066BMS Datasheet HTML 3Page - Intersil Corporation CD4066BMS Datasheet HTML 4Page - Intersil Corporation CD4066BMS Datasheet HTML 5Page - Intersil Corporation CD4066BMS Datasheet HTML 6Page - Intersil Corporation CD4066BMS Datasheet HTML 7Page - Intersil Corporation CD4066BMS Datasheet HTML 8Page - Intersil Corporation CD4066BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-971
CD4066BMS
Schematic
FIGURE 1. SCHEMATIC DIAGRAM OF 1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL CIRCUITRY
FIGURE 2. DETERMINATION OF RON AS A TEST CONDITION
FOR CONTROL INPUT HIGH VOLTAGE (VIHC)
SPECIFICATION
FIGURE 3. CHANNEL ON-STATE RESISTANCE MEASURE-
MENT CIRCUIT
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. OFF SWITCH INPUT OR OUTPUT LEAKAGE
FIGURE 6. PROPAGATION DELAY TIME SIGNAL INPUT (VIS)
TO SIGNAL OUTPUT (VOS)
FIGURE 7. CROSSTALK CONTROL INPUT TO SIGNAL OUTPUT
IN
VSS
N
P
CONTROL
VDD
N
VC
*
P
N
VIS
OUT
VOS
SIGNAL LEVEL RANGE:
VSS
≤ VIS ≤ VDD
CONTROL
SWITCH
VSS
NORMAL OPERATION CONTROL
SWITCH ON, VC “I” = VDD
SWITCH OFF, VC “O” = VSS
NOTE:
All “P” Substrates
Connected to VDD
LINE BIASING:
ALL CONTROL INPUTS ARE
PROTECTED BY THE CMOS
PROTECTION NETWORK
*
CD4066BMS
1 OF 4 SWITCHES
IIS
VOS
VIS
|VIS - VOS|
|IIS|
RON =
TG
“ON”
VDD
VSS
10k
Ω
1k
Ω
RANGE
X-Y
PLOT TER
Y
X
H P
MOSELEY
7030A
KEITHLY 160 DIGITAL
MULTIMETER
CD4066BMS
1 OF 4 SWITCHES
VDD = +5V
VC = -5V
VSS = -5V
COS
CIS
CIOS
MEASURED ON BOONTON
CAPACITANCE BRIDGE
MODEL 75A (1MHz)
TEST FIXTURE CAPACITANCE
NULLED OUT
CD4066BMS
1 OF 4 SWITCHES
VDD
VC = VSS
VSS
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
VIS = VDD
Ι
CD4066BMS
1 OF 4 SWITCHES
VDD
VC = VDD
VSS
ALL UNUSED INPUTS
ARE CONNECTED TO VSS
ViS
50
200k
Ω
pF
VDD
tr = tf = 20ns
VOS
CD4066BMS
1 OF 4 SWITCHES
VDD
VC
VSS
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
10k
Ω
+10V
tr = tf = 20ns
VOS
1k
Ω
VIS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com