Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWHW2-08A-0102-T-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWHW2-08A-0102-T-R
Description  IDC Box Header Right Angle - 2.00MM Pitch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWHW2-08A-0102-T-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWHW2-08A-0102-T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AWHW2-08A-0102-T-R
IDC Box Header Right Angle - 2.00MM Pitch,
30—” Gold, 8 Contacts
Unit: MM±0.30MM
Material:
• Insulator: Polyester, UL 94V-0
• Contact Material: Copper Alloy
• Finish: Gold Plated
• Standard: 30—” Gold, PA6T
Electrical:
• Current Rating: 1Amp
• Insulation Resistance: 5,000M
Min.
• Dielectric Withstanding: 500V AC
• Operating Temperature: -40°C ~ +105°C
7.0±0.20
15.3 ±0.20
2.0
2.8
5.4
0.5
2
Ø0.8
7.0±0.20
Recommended P.C. Board
Tolerances: ±0.05mm
Hole Layout


Similar Part No. - AWHW2-08A-0102-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWHW2-06A-0102-T-R ASSMANN-AWHW2-06A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-06A-0202 ASSMANN-AWHW2-06A-0202 Datasheet
97Kb / 1P
ASS 2318 CO
More results

Similar Description - AWHW2-08A-0102-T-R

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5S26AG1 DUBILIER-DBCIDCC5S26AG1 Datasheet
78Kb / 1P
IDC BOX HEADER SMT 2.00mm
DBCIDCC410AG1 DUBILIER-DBCIDCC410AG1 Datasheet
101Kb / 1P
IDC BOX HEADER RIGHT ANGLE
DBCIDCC610AG1 DUBILIER-DBCIDCC610AG1 Datasheet
92Kb / 1P
IDC BOX HEADER RIGHT ANGLE
DBCIDCC4326BG1 DUBILIER-DBCIDCC4326BG1 Datasheet
82Kb / 1P
IDC BOX HEADER RIGHT ANGLE 1.27mm
logo
Assmann Electronics Inc...
AWHW2-06A-0102-T-R ASSMANN-AWHW2-06A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-14A-0102-T-R ASSMANN-AWHW2-14A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-16A-0102-T-R ASSMANN-AWHW2-16A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-20A-0102-T-R ASSMANN-AWHW2-20A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle
AWHW2-24A-0102-T-R ASSMANN-AWHW2-24A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-26A-0102-T-R ASSMANN-AWHW2-26A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com