Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1806ACE Datasheet(PDF) 17 Page - Intersil Corporation

Part # CDP1806ACE
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACE Datasheet(HTML) 17 Page - Intersil Corporation

Back Button CDP1806ACE Datasheet HTML 13Page - Intersil Corporation CDP1806ACE Datasheet HTML 14Page - Intersil Corporation CDP1806ACE Datasheet HTML 15Page - Intersil Corporation CDP1806ACE Datasheet HTML 16Page - Intersil Corporation CDP1806ACE Datasheet HTML 17Page - Intersil Corporation CDP1806ACE Datasheet HTML 18Page - Intersil Corporation CDP1806ACE Datasheet HTML 19Page - Intersil Corporation CDP1806ACE Datasheet HTML 20Page - Intersil Corporation CDP1806ACE Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
Instruction Set
The CDP1805AC and CDP1806AC instruction summary is
given in Table 1. Hexadecimal notation is used to refer to the
4-bit binary codes.
In all registers, bits are numbered from the least significant
bit (LSB) to the most significant bit (MSB) starting with 0.
R(W): Register designated by W, where
W = N or X, or P
R(W).0: Lower-order byte of R(W)
R(W).1: Higher-order byte of R(W)
Operation Notation
M (R(N))
→ D; R(N) + 1 → R(N)
This notation means: The memory byte pointed to by R(N) is
loaded into D, and R(N) is incremented by 1.
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES)
INSTRUCTION
NO. OF
MACHINE
CYCLES
MNEMONIC
OP CODE
OPERATION
MEMORY REFERENCE
LOAD IMMEDIATE
2
LDI
F8
M(R(P))
→ D; R(P) + 1 → R(P)
REGISTER LOAD IMMEDIATE
5
RLDI
68CN
(Note 10)
M(R(P))
→ R(N).1; M(R(P)) + 1 →
R(N).0; R(P) + 2
→ R(P)
LOAD VIA N
2
LDN
0N
M(R(N))
→ D; FOR N NOT 0
LOAD ADVANCE
2
LDA
4N
M(R(N))
→ D; R(N) + 1 → R(N)
LOAD VIA X
2
LDX
F0
M(R(X))
→ D
LOAD VIA X AND ADVANCE
2
LDXA
72
M(R(X))
→ D; R(X) + 1 → R(X)
REGISTER LOAD VIA X AND
ADVANCE
5
RLXA
686N
(Note 10)
M(R(X))
→ R(N).1; M(R(X) + 1) →
R(N).0; R(X)) + 2
→ R(X)
STORE VIA N
2
STR
5N
D
→ M(RN))
STORE VIA X AND DECREMENT
2
STXD
73
D
→ M(R(X)); R(X) - 1 → R(X)
REGISTER STORE VIA X AND
DECREMENT
5
RSXD
68AN
(Note 10)
R(N).0
→ M(R(X)); R(N).1 →
M(R)(X) - 1); R(X) - 2
→ R (X)
REGISTER OPERATIONS
INCREMENT REG N
2
INC
1N
R(N) + 1
→ R(N)
DECREMENT REG N
2
DEC
2N
R(N) - 1
→ R(N)
DECREMENT REG N AND LONG
BRANCH IF NOT EQUAL 0
5
DBNZ
682N
R(N) - 1
→ R(N); IF R(N) NOT 0,
M(R(P))
→ R(P).1, M(R(P) + 1) →
R(P).0, ELSE R(P) + 2
→ R(P)
INCREMENT REG X
2
IRX
60
R(X) + 1
→ R(X)
GET LOW REG N
2
GLO
8N
R(N).0
→ D
PUT LOW REG N
2
PLO
AN
D
→ R(N).0
GET HIGH REG N
2
GHI
9N
R(N).1
→ D
PUT HIGH REG N
2
PHI
BN
D
→ R(N).1
REGISTER N TO REGISTER X
COPY
4
RNX
68BN
(Note 10)
R(N)
→ R(X)
LOGIC OPERATIONS (Note 19)
OR
2
OR
F1
M(R(X)) OR D
→ D
OR IMMEDIATE
2
ORI
F9
M(R(P)) OR D
→ D; R(P) + 1 → R(P)
EXCLUSIVE OR
2
XOR
F3
M(R(X)) XOR D
→ D
EXCLUSIVE OR IMMEDIATE
2
XRI
FB
M(R(P)) XOR D
→ D;
R(P) + 1
→ R(P)
AND
2
AND
F2
M(R(X)) AND D
→ D
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com