Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1806ACQ Datasheet(PDF) 22 Page - Intersil Corporation

Part # CDP1806ACQ
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806ACQ Datasheet(HTML) 22 Page - Intersil Corporation

Back Button CDP1806ACQ Datasheet HTML 18Page - Intersil Corporation CDP1806ACQ Datasheet HTML 19Page - Intersil Corporation CDP1806ACQ Datasheet HTML 20Page - Intersil Corporation CDP1806ACQ Datasheet HTML 21Page - Intersil Corporation CDP1806ACQ Datasheet HTML 22Page - Intersil Corporation CDP1806ACQ Datasheet HTML 23Page - Intersil Corporation CDP1806ACQ Datasheet HTML 24Page - Intersil Corporation CDP1806ACQ Datasheet HTML 25Page - Intersil Corporation CDP1806ACQ Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
NOTES:
10. Previous contents of T register are destroyed during instruction execution.
11. This instruction is associated with more than one mnemonic. Each mnemonic is individually listed.
12. ETQ cleared by LDC with the Counter/Timer stopped, reset of CPU, or BCl • (Cl = 1).
13. Cl = Counter Interrupt, Xl = External Interrupt.
14. An IDLE instruction initiates an S1 cycle. All external signals, except the oscillator, are stopped on the low-to-high transition of TPB. All
outputs remain in their previous states, MRD, MWR, are set to a logic ‘1’ and the data bus floats. The processor will continue to IDLE
until an I/O request (INTERRUPT, DMA-IN, or DMA-OUT) is activated. When the request is acknowledged, the IDLE cycle is terminated
and the I/O request is serviced, and the normal operation is resumed. (To respond to an lNTERRUPT during an IDLE, MlE and either
ClE or XlE must be enabled).
15. Long-Branch, Long-Skip and No Op instructions require three cycles to complete (1 fetch + 2 execute).
Long-Branch instructions are three bytes long. The first byte specifies the condition to be tested; and the second and third byte, the
branching address.
The long branch instruction can:
a.
Branch unconditionally
b.
Test for D = 0 or D
≠ 0
c.
Test for DF = 0 or DF = 1
d.
Test for Q = 0 or Q = 1
e.
Effect an unconditional no branch
If the tested condition is met, then branching takes place; the branching address bytes are loaded in the high-and-low-order bytes of the
current program counter, respectively. This operation effects a branch to any memory location.
If the tested condition is not met, the branching address bytes are skipped over, and the next instruction in sequence is fetched and exe-
cuted. This operation is taken for the case of unconditional no branch (NLBR).
OUTPUT 6
2
OUT 6
66
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 6
OUTPUT 7
2
OUT 7
67
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 7
INPUT 1
2
INP 1
69
BUS
→ M(R(X)); BUS → D
N LINES = 1
INPUT 2
2
INP 2
6A
BUS
→ M(R(X)); BUS → D
N LINES = 2
INPUT 3
2
INP 3
6B
BUS
→ M(R(X)); BUS → D
N LINES = 3
INPUT 4
2
INP 4
6C
BUS
→ M(R(X)); BUS → D
N LINES = 4
INPUT 5
2
INP 5
6D
BUS
→ M(R(X)); BUS → D
N LINES = 5
INPUT 6
2
INP 6
6E
BUS
→ M(R(X)); BUS → D
N LINES = 6
INPUT 7
2
INP 7
6F
BUS
→ M(R(X)); BUS → D
N LINES = 7
CALL AND RETURN
STANDARD CALL
10
SCAL
688N
(Note 10)
R(N).0
→ M(R(X));
R(N).1
→ M(R(X) - 1);
R(X) - 2
→ R(X); R(P) → R(N);
THEN M(R(N))
→ R(P).1;
M(R(N) + 1)
→ R(P).0;
R(N) + 2
→ R(N)
STANDARD RETURN
8
SRET
689N
(Note 10)
R(N)
→ R(P);
M(R(X) + 1)
→ R(N).1;
M(R(X) + 2)
→ R(N).0; R(X) + 2 → R(X)
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES) (Continued)
INSTRUCTION
NO. OF
MACHINE
CYCLES
MNEMONIC
OP CODE
OPERATION
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com