Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDP1879 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1879 Datasheet HTML 1Page - Intersil Corporation CDP1879 Datasheet HTML 2Page - Intersil Corporation CDP1879 Datasheet HTML 3Page - Intersil Corporation CDP1879 Datasheet HTML 4Page - Intersil Corporation CDP1879 Datasheet HTML 5Page - Intersil Corporation CDP1879 Datasheet HTML 6Page - Intersil Corporation CDP1879 Datasheet HTML 7Page - Intersil Corporation CDP1879 Datasheet HTML 8Page - Intersil Corporation CDP1879 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
4-106
RESET
AM - PM
AND
HOUR LOGIC
PRESCALE
OSCILLATOR
SECOND
XTAL
XTAL
MINUTE
HOUR
DAY
MONTH
FREEZE
CIRCUIT
CALENDAR
LOGIC
PRESCALE
SELECT
CLOCK
SELECT
CONTROL
REGISTER
INT. STATUS
REGISTER
CLOCK AND
INT. LOGIC
CLOCK OUT
INT
VDD
VSS
I/O
INTERFACE
SECOND
LATCH
MINUTE
LATCH
HOUR
LATCH
COMPARATOR
DB0-DB7
A0
A1
A2
TPA
I-O MEM
TPB/WR
RD
CS
POWER DOWN
ADDRESS DECODE
AND
CONTROL LOGIC
8-BIT DATA BUS
FIGURE 1. REAL-TIME CLOCK FUNCTIONAL DIAGRAM
TABLE 1.
CONTROL REGISTER BIT ASSIGNMENT
Bit 1, 0
Frequency 00
Select 01
10
11
32768Hz
1.048576MHz
2.097152MHz
4.194304MHz
Bit 2
Start/Stop
1 = Start
0 = Stop
Bit 3
Counter/Latch Control
“0” = Write to Counter and disable alarm
“1” = Write to and enable alarm Clock Select
Bit 7, 6, 5, 4
0000 - disable
µs
0001 - 488.2
µs
0010 - 976.5
µs
0011 - 1953.1
µs
0100 - 3906.2
µs
0101 - 7812.5
µs
0110 - 15.625ms
0111 - 31.25ms
1000 - 62.5ms
1001 - 125ms
1010 - 250ms
1011 - 500ms
1100 - sec.
1101 - min.
1110 - hour
1111 - day
TABLE 2.
ADDRESSES
A2
A1
A0
Latch, Counter Seconds
0
1
0
Latch, Counter Minutes
0
1
1
Latch, Counter Hours
1
0
0
Counter, Day
1
0
1
Counter, Month
1
1
0
Control, Register
1
1
1
Status Register
1
1
1
MSB of Hours Counters (Bit 7) is an AM-PM Bit. 0 = AM; 1 = PM
Bit 6 of Hours Counter Controls 12/24 hr. 1 = 12 Hr: 0 = 24 Hr.
Status Register: Bit 7 MSB = Alarm
Interrupt Source: Bit 6 = Clock.
MSB of Month Counter (Bit 7) is a Leap Year Bit 0 = No, 1 = Yes.
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com