Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG408 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG408
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG408 Datasheet(HTML) 2 Page - Intersil Corporation

  DG408 Datasheet HTML 1Page - Intersil Corporation DG408 Datasheet HTML 2Page - Intersil Corporation DG408 Datasheet HTML 3Page - Intersil Corporation DG408 Datasheet HTML 4Page - Intersil Corporation DG408 Datasheet HTML 5Page - Intersil Corporation DG408 Datasheet HTML 6Page - Intersil Corporation DG408 Datasheet HTML 7Page - Intersil Corporation DG408 Datasheet HTML 8Page - Intersil Corporation DG408 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Functional Block Diagrams
DG408
DG409
TRUTH TABLE DG408
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
0001
1
0011
2
0101
3
0111
4
1001
5
1011
6
1101
7
1111
8
DECODER/
DRIVER
D
LEVEL
SHIFT
5V
REF
DIGITAL
INPUT
PROTECTION
S1
S2
S8
A0
A1
A2
EN
TRUTH TABLE DG409
A1
A0
EN
ON SWITCH
X
X
0
NONE
001
1
011
2
101
3
111
4
NOTES:
1. VAH Logic “1” ≥2.4V.
2. VAL Logic “0” ≤0.8V.
DECODER/
DRIVER
DA
LEVEL
SHIFT
5V
REF
DIGITAL
INPUT
PROTECTION
S1A
S4A
S1B
A0
A1
EN
DB
S4B
DG408, DG409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com