Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8191 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8191
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8191_15 Datasheet HTML 17Page - Analog Devices AD8191_15 Datasheet HTML 18Page - Analog Devices AD8191_15 Datasheet HTML 19Page - Analog Devices AD8191_15 Datasheet HTML 20Page - Analog Devices AD8191_15 Datasheet HTML 21Page - Analog Devices AD8191_15 Datasheet HTML 22Page - Analog Devices AD8191_15 Datasheet HTML 23Page - Analog Devices AD8191_15 Datasheet HTML 24Page - Analog Devices AD8191_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD8191
Rev. 0 | Page 21 of 32
Table 14. Dual Mode, 2× [8:1], Auxiliary Switch Mapping
AUX_CH[3:0]
AUX_COM[3:2]
AUX_COM[1:0]
Description
X000
AUX_C0
AUX_A0
The A0 and
C0 auxiliary
channels
switched to
output
X001
AUX_C1
AUX_A1
The A1 and
C1 auxiliary
channels
switched to
output
X010
AUX_C2
AUX_A2
The A2 and
C2 auxiliary
channels
switched to
output
X011
AUX_C3
AUX_A3
The A3 and
C3 auxiliary
channels
switched to
output
X100
AUX_D0
AUX_B0
The B0 and
D0 auxiliary
channels
switched to
output
X101
AUX_D1
AUX_B1
The B1 and
D1 auxiliary
channels
switched to
output
X110
AUX_D2
AUX_B2
The B2 and
D2 auxiliary
channels
switched to
output
X111
AUX_D3
AUX_B3
The B3 and
D3 auxiliary
channels
switched to
output
Table 15. Single Mode, 1× [16:1], Auxiliary Switch Mapping
AUX_CH[3:0]
AUX_COM[3:0]
Description
0000
AUX_A0
Auxiliary Channel A0
switched to output
0001
AUX_A1
Auxiliary Channel A1
switched to output
0010
AUX_A2
Auxiliary Channel A2
switched to output
0011
AUX_A3
Auxiliary Channel A3
switched to output
0100
AUX_B0
Auxiliary Channel B0
switched to output
0101
AUX_B1
Auxiliary Channel B1
switched to output
0110
AUX_B2
Auxiliary Channel B2
switched to output
0111
AUX_B3
Auxiliary Channel B3
switched to output
1000
AUX_C0
Auxiliary Channel C0
switched to output
1001
AUX_C1
Auxiliary Channel C1
switched to output
1010
AUX_C2
Auxiliary Channel C2
switched to output
1011
AUX_C3
Auxiliary Channel C3
switched to output
1100
AUX_D0
Auxiliary Channel D0
switched to output
1101
AUX_D1
Auxiliary Channel D1
switched to output
1110
AUX_D2
Auxiliary Channel D2
switched to output
1111
AUX_D3
Auxiliary Channel D3
switched to output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com