Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA-5135 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Application Information
Power Supply Decoupling
Although not absolutely necessary, it is recommended that
all power supply lines be decoupled with 0.01
µF ceramic
capacitors to ground. Decoupling capacitors should be
located as near to the amplifier terminals as possible.
Considerations For Prototyping:
The following list of recommendations are suggested for
prototyping.
1. Resolving low level signals requires minimizing leakage
currents caused by external circuitry. Use of quality
insulating materials, thorough cleaning of insulating
surfaces and implementation of moisture barriers when
required is suggested.
2. Error voltages generated by thermocouples formed
between dissimilar metals in the presence of temperature
gradients should be minimized. Isolation of low level
circuity from heat generating components is
recommended.
3. Shielded cable input leads, guard rings and shield drivers
are recommended for the most critical applications.
Large Capacitive Loads
When driving large capacitive loads (>500pF), a small value
resistor (
≈50Ω) should be connected in series with the
output and inside the feedback loop.
Offset Voltage Adjustment (See Figure 3)
A 20k
Ω balance potentiometer is recommended if offset
nulling is required. However, other potentiometer values
such as 10k
Ω, 50kΩ and 100kΩ may be used. The
minimum adjustment range for given values is
±2mV. VOS
TC of the amplifier is optimized at minimal VOS. Tested
Offset Adjustment is |VOS + 1mV| minimum referred
to output.
Saturation Recovery
Input and output saturation recovery time is negligible in
most applications. However, care should be exercised to
avoid exceeding the absolute maximum ratings of the
device.
Differential Input Voltages
Inputs are shunted with back-to-back diodes for overvoltage
protection. In applications where differential input voltages in
excess of 1V are applied between the inputs, the use of
limiting resistors at the inputs is recommended.
Typical Applications
The excellent input and gain characteristics of HA-5135 are
well suited for precision integrator applications. Accurate
integration over seven decades of frequency using HA-5135,
virtually nullifies the need for more expensive chopper-type
amplifiers.
Low VOS coupled with high open loop Gain, high CMRR
and high PSRR make HA-5135 ideally suited for precision
detector applications, such as the zero crossing detector
shown in Figure 5.
2
6
1
7
8
V+
+
4
3
5
RP (NOTE)
20k
Ω
OPTIONAL
CONNECTION
-
FIGURE 3. OFFSET NULLING CONNECTIONS
2
1
7
8
+
4
3
5
RB
C
6
R
OUT
-
FIGURE 4. PRECISION INTEGRATOR
HA-5135



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com