Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA-5222/883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5222/883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222/883 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5222/883 Datasheet HTML 1Page - Intersil Corporation HA-5222/883 Datasheet HTML 2Page - Intersil Corporation HA-5222/883 Datasheet HTML 3Page - Intersil Corporation HA-5222/883 Datasheet HTML 4Page - Intersil Corporation HA-5222/883 Datasheet HTML 5Page - Intersil Corporation HA-5222/883 Datasheet HTML 6Page - Intersil Corporation HA-5222/883 Datasheet HTML 7Page - Intersil Corporation HA-5222/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-173
HA-5222/883
Die Characteristics
DIE DIMENSIONS:
78 x 185 x 19 mils
± 1 mils
1980 x 4690 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SIO2 5% Phos.)
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
± 1.5kÅ
WORST CASE CURRENT DENSITY:
4.2 x 104A/cm2
SUBSTRATE POTENTIAL (Powered Up): V-
TRANSISTOR COUNT: 128
PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5222/883
OUT1
V+
OUT2
-IN2
+IN2
+IN1
-IN1
V-
Spec Number
511062-883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com