Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC1688G Datasheet(PDF) 1 Page - NEC

Part # UPC1688G
Description  5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1688G Datasheet(HTML) 1 Page - NEC

  UPC1688G Datasheet HTML 1Page - NEC UPC1688G Datasheet HTML 2Page - NEC UPC1688G Datasheet HTML 3Page - NEC UPC1688G Datasheet HTML 4Page - NEC UPC1688G Datasheet HTML 5Page - NEC UPC1688G Datasheet HTML 6Page - NEC UPC1688G Datasheet HTML 7Page - NEC UPC1688G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC1688G
Document No. P11492EJ2V0DS00 (2nd edition)
(Previous No. ID-2525)
Date Published May 1996 P
Printed in Japan
Caution Electro-static sensitive devices
5 V, 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC
DESCRIPTION
The
µPC1688G is a silicon monolithic integrated circuit especially designed as a flat gain and wide band amplifier
covering HF through UHF band.
FEATURES
•
Flat gain:
∆GP = ±1 dBTYP. @ f = 0.1 to 0.7 GHz
•
Frequency response : 1.1 GHzTYP. @ 3dB band width
•
Power gain
: 21 dBTYP. @ 0.5 GHz
•
Supply voltage
: 5 V
± 0.5 V
•
4 pin mini mold package
ORDERING INFORMATION
Order Number
Package
Marking
Supplying Form
µPC1688G
4 pin
Plastic magazine case
µPC1688G-T1
mini mold
C1C
• Embossed tape 8 mm wide.
Tape perforation side faces pin3, 4.
µPC1688G-T2
• QTY 3 kpcs/Reel.
Tape perforation side faces pin1, 2.
Remarks To order evaluation samples, please contact your local NEC sales office.
INTERNAL EQUIVALENT CIRCUIT
PIN CONNECTIONS
(Top View)
4
Input
3 VCC
2 Output
1 GND
Output
2
GND
1
3
4
VCC
Input


Similar Part No. - UPC1688G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1688G RENESAS-UPC1688G Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC1688G-T1 RENESAS-UPC1688G-T1 Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
UPC1688G-T2 RENESAS-UPC1688G-T2 Datasheet
207Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1996
logo
NEC
UPC1688G-TI NEC-UPC1688G-TI Datasheet
118Kb / 4P
NECs 1.0 GHz BANDWIDTH SILICON MMIC AMPLIFIER
More results

Similar Description - UPC1688G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
WIDE BAND UHF SILICON MMIC AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
AWG0023 ASB-AWG0023 Datasheet
582Kb / 13P
30 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG2020 ASB-AWG2020 Datasheet
667Kb / 13P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
July 2014
AWG3017 ASB-AWG3017 Datasheet
928Kb / 19P
50 ~ 4000 MHz Wide-band Gain Block Amplifier MMIC
June 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com